Electronic Components Datasheet Search
  English  ▼

X  

AC205 Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button AC205 Datasheet HTML 37Page - Broadcom Corporation. AC205 Datasheet HTML 38Page - Broadcom Corporation. AC205 Datasheet HTML 39Page - Broadcom Corporation. AC205 Datasheet HTML 40Page - Broadcom Corporation. AC205 Datasheet HTML 41Page - Broadcom Corporation. AC205 Datasheet HTML 42Page - Broadcom Corporation. AC205 Datasheet HTML 43Page - Broadcom Corporation. AC205 Datasheet HTML 44Page - Broadcom Corporation. AC205 Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Advance Data Sheet
■ AC205
07/08/02
Broa d c om Co rp o r a ti o n
Document
AC205-DS05-405-R
EEPROM Table Page 31
4B/5B CODE-GROUP TABLE
Table 42:
4B/5B Code-Group Table
PCS Code Group[4:0] SYMBOL Name
MII (TXD/RXD [3:0])
Description
11110
0
0000
Data 0
01001
1
0001
Data 1
10100
2
0010
Data 2
10101
3
0011
Data 3
01010
4
0100
Data 4
01011
5
0101
Data 5
01110
6
0110
Data 6
01111
7
0111
Data 7
10010
8
1000
Data 8
10011
9
1001
Data 9
10110
A
1010
Data A
10111
B
1011
Data B
11010
C
1100
Data C
11011
D
1101
Data D
11100
E
1110
Data E
11101
F
1111
Data F
Idle and Control Code
11111
I
0000
Inter-Packet Idle; used as inter-stream fill code.
11000
J
0101
Start of stream delimiter, part 1 of 2; always use
in pair with K symbol.
10001
K
0101
Start of stream delimiter, part 2 of 2; always use
in pair with J symbol.
01101
T
Undefined
End of stream delimiter, part 1 of 2; always use
in pair with R symbol.
00111
R
Undefined
End of stream delimiter, part 2 of 2; always use
in pair with T symbol.
Invalid Code
00100
H
Undefined
Transmit Error; used to send HALT code-group
00000
V
Undefined
Invalid code
00001
V
Undefined
Invalid code
00010
V
Undefined
Invalid code
00011
V
Undefined
Invalid code
00101
V
Undefined
Invalid code
00110
V
Undefined
Invalid code
01000
V
Undefined
Invalid code
01100
V
Undefined
Invalid code
10000
V
Undefined
Invalid code
11001
V
Undefined
Invalid code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com