Electronic Components Datasheet Search
  English  ▼

X  

AC205 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AC205 Datasheet HTML 1Page - Broadcom Corporation. AC205 Datasheet HTML 2Page - Broadcom Corporation. AC205 Datasheet HTML 3Page - Broadcom Corporation. AC205 Datasheet HTML 4Page - Broadcom Corporation. AC205 Datasheet HTML 5Page - Broadcom Corporation. AC205 Datasheet HTML 6Page - Broadcom Corporation. AC205 Datasheet HTML 7Page - Broadcom Corporation. AC205 Datasheet HTML 8Page - Broadcom Corporation. AC205 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
ADVANCE DATA SHEET
AC205
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC205-DS05-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, California 92619-7013 • Phone: 949-450-8700 • Fax: 949-450-8710
07/08/02
GENERAL DESCRIP T ION
The AC205 is an unmanaged 5-port 10/100Mbps repeater
with an integrated bridge. The AC205 provides a low cost
and integr ated solut i on fo r unmanage d repe ater
applications.
The AC205 is a Class II Repeater. The device provides five
10/100 Mbps copper media ports. The AC205 also provides
one selectable MII/7-wire interface. The MII/7-wire interface
can be connected to a MAC.
The AC205 provides 10/100 Mbps auto-negotiation and
parallel detection for all ports. In addition, the option to
configure each transceiver port via EEPROM interface is
available. The AC205 provides two internal repeater state
machines, one operating at 10 Mbps and the other at 100
Mbps. Once the technology is set, the device automatically
connects each port to the appropriate repeater segment.
The AC205 integrates repeater and bridge technologies
with “store and forward” forwarding mechanisms.
FE A T U R E S
•
Low power (<1A total current consumption when used
with 1.25;1 transformer) five port 10/100 Mbps repeater
with built-in bridge function.
•
MDC/MDIO
for
control/status
of
transceiver
components.
•
Five integrated 10/100 Mbps IEEE 802.3u compliant
transceivers.
•
Fully integrated adaptive equalizer provides phase/
amplitude compensation for various cable lengths up to
30dB @ 100MHz.
•
Patent-pending DC restoration technique reduces
offset/baseline wander.
•
IEEE 802.3u-compliant auto-negotiation.
•
Unique scrambler seed for all port for better EMI.
•
Supports media independent interface (MII) or 7-wire
interface to connect to MAC.
•
Non-blocking 10/100M bridge with MAC. One segment
of a br idge is fixed to 100 Mbps while the other
segment can be configured for 10 or 100 Mbps.
•
Bridge functions include:
- Embedded 32K bytes memory for address table and
packet buffer.
- Local MAC address filtering.
- XOR hashing scheme.
- Short routing decision time.
- Forwarding schemes: store-and-forward.
- Address table up to 1K entries.
•
Programmable LED display for activity, link, speed,
partition, utilization, and collision rate.
•
Advanced power management includes:
- Each
transceiver
port
can
be
turned
off
independently.
- Standby mode, which reduces power when the port
is not connected.
•
Low power 2.5V 0.25
µm CMOS implementation with
100-pin QFP package.
•
Input Tolerance to 3.3V
Figure 1:
Functional Block Diagram
MUX
R_100
R_10
Bridge
10M
100M
100M RBP
10M RBP
. . .
. . .
7Wire
MII
MII
RBP
M
U
X
MII/
7-Wire
256Kbits
RAM
MII
P
H
Y
P
H
Y
P
H
Y
P
H
Y
P
H
Y
(TX4)
(TX3)
(TX2)
(TX1)
(TX0)


Similar Part No. - AC205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC205 ETC1-AC205 Datasheet
96Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC205 ETC2-AC205 Datasheet
102Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
logo
Teledyne Technologies I...
AC2056 TELEDYNE-AC2056 Datasheet
160Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC205KQM ETC2-AC205KQM Datasheet
102Kb / 2P
5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
More results

Similar Description - AC205

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
Integrated 5-Port 10/100 Managed Switch
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
logo
Micrel Semiconductor
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
Integrated 5-Port 10/100 QoS Switch
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
logo
Broadcom Corporation.
AC104X BOARDCOM-AC104X Datasheet
543Kb / 50P
2.5V 4-Port 10/100-TX Ethernet Transceiver
AC206 BOARDCOM-AC206 Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC207 BOARDCOM-AC207 Datasheet
723Kb / 60P
2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
AC208 BOARDCOM-AC208 Datasheet
684Kb / 58P
2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com