Electronic Components Datasheet Search
  English  ▼

X  

AC205 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AC205
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC205 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AC205 Datasheet HTML 5Page - Broadcom Corporation. AC205 Datasheet HTML 6Page - Broadcom Corporation. AC205 Datasheet HTML 7Page - Broadcom Corporation. AC205 Datasheet HTML 8Page - Broadcom Corporation. AC205 Datasheet HTML 9Page - Broadcom Corporation. AC205 Datasheet HTML 10Page - Broadcom Corporation. AC205 Datasheet HTML 11Page - Broadcom Corporation. AC205 Datasheet HTML 12Page - Broadcom Corporation. AC205 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Broa d c om Co rp o r a ti o n
Document
AC205-DS05-405-R
Page 1
Advance Data Sheet
■ AC205
07/08/02
LIST OF TABLES
Table 1: LED Connections.................................................................................................................................. 6
Table 2: Content of Address Lookup Table ........................................................................................................ 7
Table 3: Embedded Memory Structure............................................................................................................... 9
Table 4: MDI (Media Dependent Interface) Pins (TX) ...................................................................................... 11
Table 5: MII-B (Media Independent) Pins ........................................................................................................ 12
Table 6: 7-wire (Serial Network Interface) Pins ................................................................................................ 13
Table 7: EEPROM Interface ............................................................................................................................. 13
Table 8: MDC/MDIO Interface .......................................................................................................................... 13
Table 9: LED Pins............................................................................................................................................. 14
Table 10: Configuration and Set-up.................................................................................................................. 14
Table 11: Clock Reset ...................................................................................................................................... 15
Table 12: Power and Ground ........................................................................................................................... 15
Table 13: No Connects..................................................................................................................................... 15
Table 14: Register Set...................................................................................................................................... 17
Table 15: PHY Port Status Register ................................................................................................................. 18
Table 16: PHY Port Status ............................................................................................................................... 18
Table 17: Initial Device Configuration Register ................................................................................................ 18
Table 18: Bridge Configuration Register .......................................................................................................... 19
Table 19: PHY Configuration Register 0 .......................................................................................................... 20
Table 20: PHY Status Register 1...................................................................................................................... 21
Table 21: PHY Identifier 1 Register .................................................................................................................. 22
Table 22: PHY Identifier 2 Register .................................................................................................................. 22
Table 23: Auto-Negotiation Advertisement Register ........................................................................................ 22
Table 24: Auto-Negotiation Link Partner Ability Register ................................................................................. 23
Table 25: Register 6: Auto-Negotiation Expansion Register ............................................................................ 23
Table 26: Auto-Negotiation Next Page Transmit Register................................................................................ 23
Table 27: PHY 10BaseT Configuration Register .............................................................................................. 24
Table 28: PHY Interrupt Control/Status Register.............................................................................................. 25
Table 29: Diagnostic Register .......................................................................................................................... 25
Table 30: Cable Length Register...................................................................................................................... 26
Table 31: Receive Error Count ......................................................................................................................... 26
Table 32: Power Management Register ........................................................................................................... 27
Table 33: Transceiver Mode Register .............................................................................................................. 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com