Electronic Components Datasheet Search
  English  ▼

X  

AC206 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # AC206
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206 Datasheet(HTML) 3 Page - Broadcom Corporation.

  AC206 Datasheet HTML 1Page - Broadcom Corporation. AC206 Datasheet HTML 2Page - Broadcom Corporation. AC206 Datasheet HTML 3Page - Broadcom Corporation. AC206 Datasheet HTML 4Page - Broadcom Corporation. AC206 Datasheet HTML 5Page - Broadcom Corporation. AC206 Datasheet HTML 6Page - Broadcom Corporation. AC206 Datasheet HTML 7Page - Broadcom Corporation. AC206 Datasheet HTML 8Page - Broadcom Corporation. AC206 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
B roa dcom
Document
AC206-DS05-405-R
Page iii
Preliminary Data Sheet
AC206
07/08/02
AC206-DS01-R
02/08/01
• Updated “Scrambler” in the “Functional Description” section to: When the BT Control
register 23.11 is set to 1 the data scrambling function is disabled, the 5-bit data stream
is clocked directly to the device’s PMA sublayer.
• Added pin #114 to DGND in the “Power and Ground” table.
• Added pins # 60, 61, 63, 64, 67, 68, 70, 71, 103, 104, 106, and 107 to the “No Connects”
table.
• Updated the “Electrical Characteristics” section (replaced the Digital Input Voltage
–0.5V to Vcc with –0.5V to 3.3V)
• Updated the “Digital Timing Characteristics” section
• Various text changes throughout the whole document.
• Added the “Mechanical Information” section, outlining the packaging specifications.
• Updated “LED Timing.”
AC206-DS00-R
10/9/00
Initial release.
Revision
Date
Change Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com