Electronic Components Datasheet Search
  English  ▼

X  

AC206 Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AC206
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206 Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AC206 Datasheet HTML 35Page - Broadcom Corporation. AC206 Datasheet HTML 36Page - Broadcom Corporation. AC206 Datasheet HTML 37Page - Broadcom Corporation. AC206 Datasheet HTML 38Page - Broadcom Corporation. AC206 Datasheet HTML 39Page - Broadcom Corporation. AC206 Datasheet HTML 40Page - Broadcom Corporation. AC206 Datasheet HTML 41Page - Broadcom Corporation. AC206 Datasheet HTML 42Page - Broadcom Corporation. AC206 Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
PHY Registers
Page 27
PHY 10BASE-T CONFIGURATION REGISTER
Table 30: PHY 10BASE-T Configuration Register
Register
Bit
Name
Description
Mode
Default
16.14
Reserved
RO
0
16.13
TXJAM
1 = Force CIM to send jam pattern.
0 = Normal operation mode
RO
0
16.12
CIM Disable
1 = Disable carrier integrity monitor function.
0 = Enable carrier integrity monitor function.
Default is 0.
RW
1
16.11
SEQ Test Inhibit
1 = Disable 10BASE-T SEQ testing.
0 = Enable 10BASE-T SEQ testing, which generates a COL
pulse following the completion of a packet transmission.
RW
0
16.10
BASE-T Normal Loop
Back
1 = Enable 10BASE-T normal loop back.
0 = Disable 10BASE-T normal loop back.
RW
0
16.[9:6]
Reserved
RO
0
16:5
Auto polarity disable
1 = Disable auto polarity detection/correction.
0 = Enable auto polarity detection/correction.
RW
0
16.4
Reverse Polarity
When Reg16.5 is set to 0, this bit sets to 1 if Reverse Polarity
is detected on the media, otherwise it is zero. When Reg16.5
is set to 1, writing a one to the bit reverses the polarity of the
transmitter.
Note: The reverse polarity is detected either through 8
inverted NLP or through a burst of inverted FLP.
RW
0
16:[3:0]
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com