Electronic Components Datasheet Search
  English  ▼

X  

AC206 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # AC206
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button AC206 Datasheet HTML 9Page - Broadcom Corporation. AC206 Datasheet HTML 10Page - Broadcom Corporation. AC206 Datasheet HTML 11Page - Broadcom Corporation. AC206 Datasheet HTML 12Page - Broadcom Corporation. AC206 Datasheet HTML 13Page - Broadcom Corporation. AC206 Datasheet HTML 14Page - Broadcom Corporation. AC206 Datasheet HTML 15Page - Broadcom Corporation. AC206 Datasheet HTML 16Page - Broadcom Corporation. AC206 Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Functional Description
Page 1
Sect ion 1 : F un cti o n a l Descrip t io n
FUNCTIONAL DESCRIPTION
The AC206 is an unmanaged 10/100 Mbps repeater with integrated bridge functions. The device provides eight
10/100BASE-TX twisted pair interface ports. The AC206 also includes a built-in two-segment bridge for 10/100 Mbps
connection. The AC206 provides the highest integration chip solution for dual speed hub systems. The result is ultra low
power consumption that consumes less than 1A maximum when all ports are running 100BASE-TX full-speed. The built-in
power management function powers down the individual transceiver ports when not used (no cable detected) which further
drives down the power consumption and improves long-term reliability.
CLOCKS, RESET, AND POWER MANAGEMENT FUNCTIONS
The AC206 requires a single 25-MHz clock signal at the CLK input pin. An internal PLL generates all of the clock frequencies
needed by the device from the single clock input.
The AC206 can be reset in two ways:
•
During initial power on.
•
Hardware reset: A logic low signal of 10 µs pulse width applies to RST pin.
During reset, all mode pins latch in, the internal address table is initialized, and the internal state machine is reset to known
states. At the completion of the reset sequence, all ports are enabled for frame reception and transmission.
The AC206 offers the following power management:
•
Power down mode: This can be achieved by writing to register 0.11 plus port based address.
Example: Port 1 has a based address of Hex 00. During power down, the device is able to respond through the
MDC/MDIO interface.
•
Energy detects mode: The device powers down all of the unused circuitry when the cable is not installed. The Energy
Detect (ED) circuit stays on to monitor incoming signals from the media. The MDC/MDIO interface is turned on to
response to any access transaction. The transmit circuit sends out a link pulse with minimum power consumption. If a
valid signal is received from the media, the device is powered up and resumes normal transmit/receive operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com