Electronic Components Datasheet Search
  English  ▼

X  

AC208 Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AC208
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208 Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AC208 Datasheet HTML 35Page - Broadcom Corporation. AC208 Datasheet HTML 36Page - Broadcom Corporation. AC208 Datasheet HTML 37Page - Broadcom Corporation. AC208 Datasheet HTML 38Page - Broadcom Corporation. AC208 Datasheet HTML 39Page - Broadcom Corporation. AC208 Datasheet HTML 40Page - Broadcom Corporation. AC208 Datasheet HTML 41Page - Broadcom Corporation. AC208 Datasheet HTML 42Page - Broadcom Corporation. AC208 Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
PHY Registers
Page 31
RECEIVE ERROR COUNT
POWER MANAGEMENT REGISTER
Table 31: Receive Error Count
Register
Bit
Name
Description
Mode
Default
21.[15:0
]
Receive Error
Count
Count number of receiving packets with error. This register can
only be cleared by reset (software or hardware).
RO
0000
Table 32: Power Management Register
Register Bit Name
Description
Mode
Default
22.[15:14]
Reserved
RO
00
22.13
PD_PLL
1=Power down PLL circuit
RO
X
22.12
PD_EQUAL
1=Power down equalizer circuit
RO
X
22.11
PD_BT_RCVR
1=Power down 10BASE-T receiver
RO
X
22.10
PD_LP
1=Power down link pulse receiver
RO
X
22.9
PD_EN_DET
1=Power down energy detect circuit
RO
X
22.8
PD_FX
1=Power down FX circuit
RO
X
22.[7:6]
Reserved
RW
00
22.5
MSK_PLL
0=Force power up PLL circuit
RW
X
22.4
MSK_EQUAL
0=Force power up equalizer circuit
RW
X
22.3
MSK_BT_RCVR
0=Force power up 10BASE-T receiver
RW
X
22.2
MSK_LP
0=Force power up link pulse receiver
RW
X
22.1
MSK_EN_DET
0=Force power up energy detect circuit
RW
X
22.0
MSK_FX
0=Force power up FX circuit
RW
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com