Electronic Components Datasheet Search
  English  ▼

X  

AC208 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AC208
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208 Datasheet(HTML) 2 Page - Broadcom Corporation.

  AC208 Datasheet HTML 1Page - Broadcom Corporation. AC208 Datasheet HTML 2Page - Broadcom Corporation. AC208 Datasheet HTML 3Page - Broadcom Corporation. AC208 Datasheet HTML 4Page - Broadcom Corporation. AC208 Datasheet HTML 5Page - Broadcom Corporation. AC208 Datasheet HTML 6Page - Broadcom Corporation. AC208 Datasheet HTML 7Page - Broadcom Corporation. AC208 Datasheet HTML 8Page - Broadcom Corporation. AC208 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Altima Communications, Inc.
A Broadcom Company
Broadcom Corporation
P.O. Box 57013
16215 Alton Parkway
Irvine, CA 92619-7013
© 2002 by Altima Communications, Inc.
All Rights Reserved
Printed in the U.S.A.
Broadcom® and the pulse logo® are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and
certain other countries. All other trademarks are the property of their respective owners.
This data sheet (including, without limitation, the Broadcom component(s) identified herein) is not designed, intended, or
certified for use in any military, nuclear, medical, mass transportation, aviation, navigations, pollution control, hazardous
substances management, or other high risk application. BROADCOM PROVIDES THIS DATA SHEET "AS-IS", WITHOUT
WARRANTY OF ANY KIND. BROADCOM DISCLAIMS ALL WARRANTIES, EXPRESSED AND IMPLIED, INCLUDING,
WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE, AND NON-INFRINGEMENT.
REVISION HISTORY
Revision
Date
Change Description
AC208-DS04-
405-R
07/08/02
Incorporate MDC/MDIO changes.
AC208-DS03-R
06/07/02
General technical revision.
AC208-DS02-R
06/20/01
Updated the following tables:
• “LED Connections”
• “Power and Ground”
• “Register Set”
• “Bridge Control Register”
• “BT Control Register”
• “LED Effect with Partition/Isolation Event”
• “EEPROM”
AC208-DS01-R
02/08/01
• Updated “Scrambler” in the “Functional Description” section to: When the BT Control
register 23.11 is set to 1 the data scrambling function is disabled, the 5-bit data stream
is clocked directly to the device’s PMA sublayer.
• Added pin #114 to DGND in the “Power and Ground” table.
• Added pins # 28, 29, 30, 31, 33, 34, 35, 38 to the “No Connects” table.
• Updated the “Electrical Characteristics” section (replaced the Digital Input Voltage
–0.5V to Vcc with –0.5V to 3.3V)
• Updated the “Digital Timing Characteristics” section
• Various text changes throughout the whole document.
• Added the “Mechanical Information” section, outlining the packaging specifications.
• Updated “LED Timing.”
AC208-DS00-R
10/9/00
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com