Electronic Components Datasheet Search
  English  ▼

X  

AC208 Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # AC208
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208 Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button AC208 Datasheet HTML 17Page - Broadcom Corporation. AC208 Datasheet HTML 18Page - Broadcom Corporation. AC208 Datasheet HTML 19Page - Broadcom Corporation. AC208 Datasheet HTML 20Page - Broadcom Corporation. AC208 Datasheet HTML 21Page - Broadcom Corporation. AC208 Datasheet HTML 22Page - Broadcom Corporation. AC208 Datasheet HTML 23Page - Broadcom Corporation. AC208 Datasheet HTML 24Page - Broadcom Corporation. AC208 Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
Pin Descriptions
Page 13
TXOP_7
TXOP_6
TXOP_5
TXOP_4
TXOP_3
TXOP_2
TXOP_1
TXOP_0
104
99
92
87
80
75
68
63
AO
AO
AO
AO
AO
AO
AO
AO
Transmitter Output Positive for both 10BASE-T and 100BASE-TX.
TXON_7
TXON_6
TXON_5
TXON_4
TXON_3
TXON_2
TXON_1
TXON_0
103
100
91
88
79
76
67
64
AO
AO
AO
AO
AO
AO
AO
AO
Transmitter Output Negative for both 10BASE-T and 100BASE-TX.
Table 5: EEPROM Interface
Pin Name
Pin #
Type
Description
PROM_CS
127
O
PROM chip select. Connected to Chip Select pin of 93C46 serial
EEPROM
PROM_CLK LED_D[6]
124
O
PROM Clock. Connected to CLK pin of 93C46 serial EEPROM
PROM_OUT LED_D[5]
123
O
PROM Data Out. Connected to Data_In pin of 93C46 serial
EEPROM
PROM_IN LED_D[7]
125
I,D
PROM Data In. Connected to Data_Out pin of 93C46 serial
EEPROM
Table 6: MDC/MDIO Interface
Pin Name
Pin #
Type
Description
MDC (PROM_CS)
127
I,U
Clock signal between the external device and PHY registers for
communication synchronization
MDIO
128
I/O,D
Data Input/Output. It is a bi-directional data interface used by the
external device to access only the internal PHY registers within
the AC208. This pin has internal pull-down register.
Table 4: Media Dependent Interface Pins (TX) (Cont.)
Pin Name
Pin #
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com