Electronic Components Datasheet Search
  English  ▼

X  

PEF24902 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # PEF24902
Description  Quad ISDN Echocancellation Circuit Analog Front End for Splitterless ADSL over ISDN
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF24902 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button PEF24902 Datasheet HTML 21Page - Infineon Technologies AG PEF24902 Datasheet HTML 22Page - Infineon Technologies AG PEF24902 Datasheet HTML 23Page - Infineon Technologies AG PEF24902 Datasheet HTML 24Page - Infineon Technologies AG PEF24902 Datasheet HTML 25Page - Infineon Technologies AG PEF24902 Datasheet HTML 26Page - Infineon Technologies AG PEF24902 Datasheet HTML 27Page - Infineon Technologies AG PEF24902 Datasheet HTML 28Page - Infineon Technologies AG PEF24902 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
PEB 24902
PEF 24902
Functional Description
Data Sheet
25
Rev. 1, 2004-05-28
Note that the load capacitors are integrated in the IEC-4-AFE-X Version 3.2. No
additional capacitance has to be connected neither to XIN nor to XOUT. The crystal
specifications shall meet the requirements given in Table 6.
A suitable type of crystal would be:
Vibrator:
Mode of vibration
DS
fundamental
Crystal cut
ATI
Application hint: Parasitic capacitances at XIN and XOUT pin, e.g. due to board
capacitances should be below 3 pF.
3.3
Analog Line Port
The IEC-4-AFE-X Version 3.2 chip gives access to four line ports. The signal to be
transmitted is issued differentially at pins AOUT0..3 and BOUT0..3. The input is
differentially sampled at AIN0..3 and BIN0..3. Each line port consists of three main
function blocks (see Figure 4):
•
The analog-to-digital converter in the receive path
•
The digital-to-analog converter in the transmit path
•
The output filter in the transmit path
Furthermore a line port contains some special functions. These are:
•
Analog test loop-back
•
Level detect function
Operating frequency
CLoad = 15 pF
CLoad = 7 pF
15.35770
15.36230
MHz
MHz
Current
1
2
mA
Load capacitance
9.8
10.2
pF
Overall tolerance
∆f/f
60
ppm
Resonance resistance Rr
30
Ω
Shunt capacitance C0
7pF
Motional capacitance C1
25
fF
Overall pullability
± 210
ppm
Table 6
Specification of the Crystal (cont’d)
Parameter
Limit Values
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com