Electronic Components Datasheet Search
  English  ▼

X  

PEF24902 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # PEF24902
Description  Quad ISDN Echocancellation Circuit Analog Front End for Splitterless ADSL over ISDN
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF24902 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button PEF24902 Datasheet HTML 17Page - Infineon Technologies AG PEF24902 Datasheet HTML 18Page - Infineon Technologies AG PEF24902 Datasheet HTML 19Page - Infineon Technologies AG PEF24902 Datasheet HTML 20Page - Infineon Technologies AG PEF24902 Datasheet HTML 21Page - Infineon Technologies AG PEF24902 Datasheet HTML 22Page - Infineon Technologies AG PEF24902 Datasheet HTML 23Page - Infineon Technologies AG PEF24902 Datasheet HTML 24Page - Infineon Technologies AG PEF24902 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
PEB 24902
PEF 24902
Functional Description
Data Sheet
21
Rev. 1, 2004-05-28
3.2
Clock Generation
All timing signals are derived from a 15.36 MHz system clock. The 15.36 MHz clock can
be provided by the IEC-4-AFE-X Version 3.2 by a crystal based PLL, which is
synchronized to either an 8 kHz or a 2048 kHz clock at pin CLOCK. The frequency at pin
CLOCK is detected automatically.
The PLL is set to the nominal frequency either by a POR or by a falling edge at the RES
pin. When the reference clock (CLOCK) is applied, the PLL starts to synchronize.
The 15.36 MHz clock can also be provided externally at pin CL15 without making use of
the internal PLL. In this mode the pin XIN must be tied to either VDD or GND. An internal
power-on-reset circuitry assures that the pin CL15 is an input until a 15.36 MHz clock is
detected at the output of the PLL/oscillator.
To enable error-free data transport to/from the Quad IEC DFE-T/Q, the clocks DCL and
FSC from the IOM®-2-interface must be synchronous to the 15.36 MHz signal. Therefore
it is recommended to use the same signal for FSC and as input to CLOCK pin at the IEC-
4-AFE-X Version 3.2 when the internal PLL is used to generate the 15.36 MHz clock.
If another clock source is used for CLOCK, e.g. the 2048 kHz DCL, a common time base
must be guaranteed. This is usually achieved if FSC is derived from DCL by dividing it
directly by 256.
Any constant phase difference between the time bases of both clocks is possible, but the
devices have currently been qualified and released only for using the same FSC signal
for the Quad IEC DFE-T/Q and for IEC-4-AFE-X Version 3.2.
3.2.1
Specification of the PLL and the 15.36 MHz Master Clock (Pin
CL15)
The PLL is based on a crystal connected to the pins XIN and XOUT. For synchronization
of the 15.36 MHz clock up to 16 internal capacitances are connected to XIN and XOUT.
The loop filter of the PLL is of second order, therefore a sinusoidal input jitter with the
angular frequency
ω = 2πf at CLOCK is attenuated by the PLL according to the following
formula:
H(j
ω) = [(2δ/ω
r)jω + 1] / [(jω/ωr)
2 + (2δ/ω
r)jω + 1]
H(j
ω) is the complex jitter transfer factor
ω
r = 2πfr is the angular resonance frequency of the PLL
δ is the damping factor of the PLL
The maximum phase difference between the external CLOCK and the internal reference,
derived from the master clock, due to a sinusoidal input jitter with the angular frequency
ω is given as 1 - H(jω). The magnitude of the jitter transfer function and of the phase
difference are illustrated below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com