Electronic Components Datasheet Search
  English  ▼

X  

RMKD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RMKD
Description  Hermetic, Dual-In-Line or TO Package Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKD Datasheet(HTML) 1 Page - Vishay Siliconix

  RMKD Datasheet HTML 1Page - Vishay Siliconix RMKD Datasheet HTML 2Page - Vishay Siliconix RMKD Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 60049
Revision 27-Apr-01
www.vishay.com
114
RMKD, RMKQ 48
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
FEATURES
• High Stability: < 300ppm Max., 2000 hrs., Pn + 70
°C
• Hermetic Cases: Dual-In-Line and TO99
Hermetic, Dual-In-Line or TO Package Resistor Networks
Actual Size
SCHEMATIC
The superstable RMK nickel-chromium integrated networks
are available in a range of standard designs which bring a
completely new “state-of-the-art” to precision network
performance criteria.
Circuit designers can now incorporate into their circuitry the
ultimate in today’s performance characteristics as
“standards”, without needing to call out specially engineered
designs at premium prices.
R4
R3
R2
R1
6
7
5
4
3
2
1
8
Standard Configuration, Hermetic Case TO99
RMKQ48
R1
R2
R3
8765
1234
87
6
5
1234
R1
R2
R3
R4
R5
14
13
12
11
12
3
4
10
9
8
56
7
R1
R2
R3
R4
R5
R6
R7
14
13
12
12
34
R1
R2
R3
R4
11
10
9
8
56
7
R5
R6
R7
R8
R9
4 Equal and Independent Resistors
14
13
12
11
12
3
4
10
9
8
56
7
R1
R2
R3
R4
R5
R6
R7
R8
16
15
4 Equal and Independent
Resistors
Standard Configuration, 8 Leads Hermetic DIL
RMKD 408
RMKD 508
Standard Configuration, 14 Leads Hermetic DIL
RMKD714
RMKD914
8 Equal and Independent Resistors
Standard Configuration, 16 Leads Hermetic DIL
RMKD86
Dual Divider Feedback Network
with Equal Value Resistors
7 Equal and Independent
Resistors
Quad Divider Feedback Network
with Equal Value Resistors
ABS
TRACKING
TCR
10
1
ABS
RATIO
TOL
0.05
0.02
v
TYPICAL PERFORMANCE


Similar Part No. - RMKD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKD VISHAY-RMKD Datasheet
278Kb / 4P
Hermetic, Dual-In-Line Packaged Resistor Networks
16-Oct-06
RMKD408-100KBL VISHAY-RMKD408-100KBL Datasheet
278Kb / 4P
Hermetic, Dual-In-Line Packaged Resistor Networks
16-Oct-06
RMKD408-100KBP VISHAY-RMKD408-100KBP Datasheet
278Kb / 4P
Hermetic, Dual-In-Line Packaged Resistor Networks
16-Oct-06
RMKD408-100KBW VISHAY-RMKD408-100KBW Datasheet
278Kb / 4P
Hermetic, Dual-In-Line Packaged Resistor Networks
16-Oct-06
RMKD408-100KWL VISHAY-RMKD408-100KWL Datasheet
278Kb / 4P
Hermetic, Dual-In-Line Packaged Resistor Networks
16-Oct-06
More results

Similar Description - RMKD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1442 VISHAY-1442 Datasheet
127Kb / 2P
Bulk Metal Foil Technology Dual-In-Line Hermetic Resistor Networks
31-Jul-02
1461 VISHAY-1461 Datasheet
53Kb / 1P
Bulk Metal Foil Technology Single-In-Line Hermetic Resistor Networks
31-Jul-02
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
11-Jun-07
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
08-Mar-05
TDP VISHAY-TDP Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
RMKD VISHAY-RMKD_08 Datasheet
278Kb / 4P
Hermetic, Dual-In-Line Packaged Resistor Networks
16-Oct-06
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
14-Nov-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com