Electronic Components Datasheet Search
  English  ▼

X  

RMKD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RMKD
Description  Hermetic, Dual-In-Line or TO Package Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKD Datasheet(HTML) 3 Page - Vishay Siliconix

  RMKD Datasheet HTML 1Page - Vishay Siliconix RMKD Datasheet HTML 2Page - Vishay Siliconix RMKD Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 60049
Revision 27-Apr-01
www.vishay.com
116
RMKD, RMKQ 48
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
MECHANICAL SPECIFICATIONS
DIMENSIONS in inches and millimeters
27
6
1
Index mark
DIMENSIONS in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
A
0.700
17.78
± 0.20
B
0.046
1.19
C
0.086
2.20
± 0.20
D
0.035
0.89
± 0.25
E
0.129
3.30
F
0.018
0.46
± 0.05
G
0.100
2.54
± 0.10
H
0.600
15.24
± 0.10
J
0.050
1.27
± 0.50
K
0.290
7.37
± 0.20
L
0.009
0.25
± 0.05
M
0.300
7.62
± 0.20
DIMENSION
INCHES
MILLIMETERS
A
0.799
20.30
± 0.20
B
0.046
1.19
C
0.092
2.35
± 0.20
D
0.035
0.89
± 0.25
E
0.129
3.3
F
0.018
0.46
± 0.05
G
0.011
2.54
± 0.1
H
0.7
17.78
± 0.1
J
0.05
1.27
± 0.5
K
0.29
7.37
± 0.2
L
0.009
0.25
± 0.05
M
0.3
7.62
± 0.2
Resistive Material
Nichrome
Passivation
Mineral Passivation Si
3N4
RMKD 714 and RMKD 914
RMKD 816
A
B
C
D
E
FG
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
Hermetic, Dual-In-Line or TO Package Resistor Networks
28
7
1
Index mark
How to Order
Series
Style
Number of
Number of
Ohmic
Absolute
Tolerance
Resistors
Pins
Value
Tolerance
Ratio
RMK
D
7
14
100K
Ω
±0.05%
0.02%
Q = Quad
D = Dual
Custom packages available; please consult factory for additional configurations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com