Electronic Components Datasheet Search
  English  ▼

X  

RMKD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RMKD
Description  Hermetic, Dual-In-Line or TO Package Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKD Datasheet(HTML) 2 Page - Vishay Siliconix

  RMKD Datasheet HTML 1Page - Vishay Siliconix RMKD Datasheet HTML 2Page - Vishay Siliconix RMKD Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
115
RMKD, RMKQ 48
Vishay Thin Film
Document Number: 60049
Revision 27-Apr-01
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
DIMENSIONS in inches and millimeters
STANDARD ELECTRICAL SPECIFICATIONS
DIMENSION
INCHES
MILLIMETERS
Min.
Max.
Min.
Max.
A
0.500
—
12.70
—
B
0.164
0.194
4.19
4.95
C
—
0.040
—
1.02
øD
0.016
0.019
0.41
0.48
øE
0.315
0.335
8.00
8.51
øF
0.346
0.370
8.89
9.40
G
0.029
0.043
0.74
1.14
øH
—
0.229
—
5.84
øJ
0.137
0.159
3.05
4.06
K45
°
45
°
L
0.027
0.033
0.71
0.86
TEST
SPECIFICATIONS
CONDITIONS
CONFIGURATION
RMK Q48, RMK D408, RMK D508, RMK D714, RMK D816, RMK D914
Resistance Range
500
Ω < R < 200KΩ
TCR:
Tracking
± 1ppm/°C Typical ± 2ppm/°C Max.
- 55
°C to + 125°C
Absolute
± 5ppm/°C typical
0
°C to + 70°C
± 10ppm/°C Max.
- 55
°C to + 125°C
Tolerance
Ratio
± 0.05% ± 0.02% ± 0.01%
Absolute
± 0.1% ± 0.05% ± 0.05%
Power Rating:
Package
125mW
250mW
250mW
250mW
250mW
250mW
@ + 70
°C
Stability (
∆R Ratio)
< 300ppm Max.
2000 hrs., at + 70
°C
Working Voltage
100Vcc on R
Operating Temperature Range
- 55
°C to + 125°C
Storage Temperature Range
- 55
°C to + 155°C
Noise
- 35dB typical
MIL-STD-202, Md. 308
Thermal EMF
< 0.1
µV/°C
DIMENSION
INCHES
MILLIMETERS
D
0.401
10.2
± 0.10
B1
0.046
1.19
A1
0.035
0.89
± 0.25
A
0.086
2.2
± 0.20
L
0.129 Min.
3.3 Min.
B
0.018
0.46
± 0.05
e1
0.100
2.54
± 0.10
S
0.050
1.27
± 0.50
E
0.290
7.37
± 0.20
C
0.009
0.25
± 0.05
eA
0.300
7.62
± 0.20
RMKQ 48
RMKQ 408 and RMKD 508
3
4
2
7
6
8
5
1
Index mark
A1
L
B
S
A
B1
e1
D
eA
C
E
ØH
ØJ
ØD
ØE ØF
A
B
C
G
L
K
Hermetic, Dual-In-Line or TO Package Resistor Networks
DIMENSIONS in inches and millimeters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com