Electronic Components Datasheet Search
  English  ▼

X  

SC2677 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2677
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2677 Datasheet HTML 1Page - Semtech Corporation SC2677 Datasheet HTML 2Page - Semtech Corporation SC2677 Datasheet HTML 3Page - Semtech Corporation SC2677 Datasheet HTML 4Page - Semtech Corporation SC2677 Datasheet HTML 5Page - Semtech Corporation SC2677 Datasheet HTML 6Page - Semtech Corporation SC2677 Datasheet HTML 7Page - Semtech Corporation SC2677 Datasheet HTML 8Page - Semtech Corporation SC2677 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
© 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677
Pin Configuration
Ordering Information
EXPANDED PIN DESCRIPTION
Pin 1: (VREF)
Internal 0.5V reference. Connected to the + input of
the master channel error amplifier.
Pin 2: (FREQ)
External frequency adjustment. Connect a resistor to
AGND to set the switching frequency. Please see
more information in Application section.
Pin 3: (VCC)
Bias pin for the controller. Connect a ceramic
decoupling capacitor from this pin to AGND with
minimum trace length.
Pin 4: (+IN2)
“+” input of the slave error amplifier.
Pin 5, 16: (-IN2, -IN1)
“-” inputs of the error amplifiers.
Pin 6, 15: (COMP2, COMP1)
Compensation pins of the error amplifiers.
Pin 7, 14: (BST2, BST1)
Supply pins for the high side drivers. Usually con-
nected to bootstrap circuit.
Pin 8, 13: (DH2, DH1)
Gate drive pins for the top MOSFETs. Requires a
small series resistor.
Pin 9, 12: (DL2, DL1)
Gate drive pins for the bottom MOSFETs. Requires a
small series resistor.
Pin 10: (PGND)
Power GND. Return of the high side and low side gate
drivers.
Pin 11: (BSTC)
Supply pin for bottom MOSFET gate drivers.
Pin 17: (PHASING)
This pin controls the phase shift between master and
slave for optimum noise immunity. Use a resistive
divider from the FREQ pin (pin 2) to AGND, and
connect the tap of the resistive divider to pin 17.
Please see more information in Application section.
Pin 18: (SS/ENA)
Soft start pin. Connect a ceramic capacitor from this
pin to AGND, and there is an internal current source
charging up this capacitor during soft start. The PWM
operation can be disabled if this pin is pulled low.
Pin 19: (PWRGD)
Power good signal. This is an open collector output. It
is pulled low internally if output voltage is outside the
power good window.
Pin 20: (GND)
Analog GND. Return of the analog signals and bias of
the chip.
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
P
R
T
S
T
7
7
6
2
C
S0
2
-
P
O
S
S
T
T
R
T
S
T
7
7
6
2
C
S
)
2
(
0
2
-
P
O
S
S
T
1
-
B
V
E
7
7
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
e
r
a
h
S
t
n
e
r
r
u
C
2
-
B
V
E
7
7
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
l
e
n
n
a
h
C
l
a
u
D
Notes:
(1) Only available in tape and reel packaging. A reel con-
tains 2500 devices.
Pin Descriptions
Top View
(TSSOP-20 Pin)
(2) Lead free package.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com