Electronic Components Datasheet Search
  English  ▼

X  

SC2677 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2677
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2677 Datasheet HTML 1Page - Semtech Corporation SC2677 Datasheet HTML 2Page - Semtech Corporation SC2677 Datasheet HTML 3Page - Semtech Corporation SC2677 Datasheet HTML 4Page - Semtech Corporation SC2677 Datasheet HTML 5Page - Semtech Corporation SC2677 Datasheet HTML 6Page - Semtech Corporation SC2677 Datasheet HTML 7Page - Semtech Corporation SC2677 Datasheet HTML 8Page - Semtech Corporation SC2677 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
© 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OR
T
E
S
m
h
o
k
5
.
2
=0
5
40
0
50
5
5z
H
k
e
l
c
y
C
y
t
u
D
x
a
M
r
o
t
a
ll
i
c
s
OF
C
S
O
z
H
k
0
0
5
=6
80
9%
1
L
D
d
n
a
2
H
D
f
o
g
n
i
s
a
h
PV
G
N
I
S
A
H
P
V
5
8
5
.
0
=0
8
1C
°
t
n
e
r
r
u
C
k
n
i
S
H
DV
5
.
3
=
D
N
G
P
-
H
D7
.
1A
t
n
e
r
r
u
C
k
n
i
S
H
DV
5
.
2
=
D
N
G
P
-
H
D5
8
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
H
DV
5
7
.
3
=
H
D
-
H
T
S
B7
.
1A
t
n
e
r
r
u
C
e
c
r
u
o
S
H
DV
3
=
H
D
-
H
T
S
B5
8
.
0A
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
.
3
=
G
N
G
P
-
L
D7
.
1A
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
.
2
=
D
N
G
P
-
L
D5
8
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
5
7
.
3
=
L
D
-
L
T
S
B7
.
1A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
3
=
L
D
-
L
T
S
B5
8
.
0A
e
m
i
T
d
a
e
D5
e
t
o
N0
55
80
2
1s
n
t
n
e
r
r
u
C
e
g
r
a
h
C
t
r
a
t
S
t
f
o
S
)
2
(
0
5A
µ
e
l
b
a
n
E
t
r
a
t
S
t
f
o
Se
l
c
y
c
y
t
u
d
%
00
0
4V
m
d
n
E
t
r
a
t
S
t
f
o
Se
l
c
y
c
y
t
u
d
%
0
0
15
2
8V
m
d
l
o
h
s
e
r
h
T
n
o
i
t
i
s
n
a
r
T
t
r
a
t
S
t
f
o
S
)
2
(
e
d
o
m
s
u
o
n
o
r
h
c
n
y
S2
2
.
1V
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
PV
T
U
O
p
u
g
n
i
p
m
a
r%
3
8%
8
8%
3
9V
T
U
O
n
w
o
D
ll
u
P
d
o
o
G
r
e
w
o
PA
m
2
=
t
n
e
r
r
u
C
k
n
i
S4
.
0V
NOTES:
(1) Measured from 50% to 50% pulse amplitude.
(2) The soft start pin sources 50µA to an external capacitor. The converter operates in synchronous mode
above the soft start transition threshold and in asynchronous mode below it.
(3) Power good is an open collector output which is pulled low when the output voltage is under 75%.
(4) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(5) 120ns maximum at 70°C.
Unless Specified: V
CC = 4.75 to 5.25V, GND = PGND = 0V, FB = VO, TJ = 25°C, VBSTC = VBST = 12V
Marking Information
TOP
TOP
TOP
TOP
TOP
yyww = Datecode (Example: 9908)
xxxx = Semtech Lot # (Example: 90101)
(TSSOP-20)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com