Electronic Components Datasheet Search
  English  ▼

X  

SC2677 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2677
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677 Datasheet(HTML) 9 Page - Semtech Corporation

  SC2677 Datasheet HTML 1Page - Semtech Corporation SC2677 Datasheet HTML 2Page - Semtech Corporation SC2677 Datasheet HTML 3Page - Semtech Corporation SC2677 Datasheet HTML 4Page - Semtech Corporation SC2677 Datasheet HTML 5Page - Semtech Corporation SC2677 Datasheet HTML 6Page - Semtech Corporation SC2677 Datasheet HTML 7Page - Semtech Corporation SC2677 Datasheet HTML 8Page - Semtech Corporation SC2677 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
© 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677
Contact Information
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Outline Drawing - TSSOP-20
Land Pattern - TSSOP-20
L
(L 1 )
c
01
GA G E
PL A N E
S EE D E T AIL
DE T A IL
A
A
0.2 5
. 0 26 B S C
. 2 52 B S C
20
.004
.1 6 9
.2 5 1
.173
.255
.0 0 7
-
20
0.10
0.6 5 B S C
6.4 0 B S C
4.40
6.50
-
.177
.259
4.30
6.40
.012
0.19
4.5 0
6.6 0
0.3 0
bx N
2X N /2 T IP S
S EATIN G
aa a
C
E/2
IN DICA T O R
PIN 1
2X
1
3
2
N
E1
bb b
C
A-B
D
ccc
C
DIM E NS IO NS " E 1 " A ND " D " DO NO T I N C L U D E M O L D F L A S H, P R O T R U S IO N S
3.
OR G A T E B U R R S .
D A T U M S
A N D
T O B E D E T E R M IN E D A T D A T U M P L A N E
CO NT R O L L I N G DI M E NS I O NS A R E IN M IL L I M E T E RS ( A NG L E S I N D E G R E E S ) .
-B -
NO T E S :
1.
2.
-A -
-H -
SID E VIEW
(.0 3 9 )
.004
.008
-
.024
-
-
-
-
0
.0 1 8
.0 0 3
.0 3 1
.0 0 2
-
8
0
0.20
0.10
-
8
0.45
0.09
0.80
0.05
.030
.007
.047
.042
.006
-
(1 .0 )
0.60
-
0.7 5
0.2 0
-
-
-
1.2 0
1.0 5
0.1 5
A
B
C
D
e
e/2
H
PL A N E
D
E
A1
A2
A
RE F E RE NC E J E DE C S T D M O - 1 5 3 , V A RIA T I O N A C .
4.
INCHE S
b
N
cc c
aaa
bbb
01
E1
E
L
L1
e
D
c
A2
A1
DIM
A
MIN
M A X
M ILLIM E T E R S
MIN
D IM E NS IO NS
NO M M A X
N O M
( .222)
( 5 .65)
Z
G
Y
P
(C )
4.10
.161
0.65
.026
0.40
.016
1.55
.061
7.20
.283
X
IN C H E S
DI M E NS I O NS
Z
P
Y
X
DI M
C
G
M IL L I M ET ER S
T H I S L A ND P A T T E RN I S F O R RE F E R E NC E P U RP O S E S O N L Y .
CONS UL T Y O UR M A N U F A C T URING GR OUP T O E N S U RE Y O UR
C O M PAN Y 'S M A N U FA C T U R I N G G U I D EL I N ES A R E M E T .
N O T ES:
1.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com