Electronic Components Datasheet Search
  English  ▼

X  

MP2617HGL Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP2617HGL
Description  Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617HGL Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP2617HGL Datasheet HTML 22Page - Monolithic Power Systems MP2617HGL Datasheet HTML 23Page - Monolithic Power Systems MP2617HGL Datasheet HTML 24Page - Monolithic Power Systems MP2617HGL Datasheet HTML 25Page - Monolithic Power Systems MP2617HGL Datasheet HTML 26Page - Monolithic Power Systems MP2617HGL Datasheet HTML 27Page - Monolithic Power Systems MP2617HGL Datasheet HTML 28Page - Monolithic Power Systems MP2617HGL Datasheet HTML 29Page - Monolithic Power Systems MP2617HGL Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
MP2617H
– SINGLE-CELL SWITCHING CHARGER WITH NVDC POWER PATH
MP2617H Rev. 1.03
www.MonolithicPower.com
26
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 4: Inductance Selection Guide under different Input Voltage
SPEC
Inductance Selection
VIN
IN
SYS
SYS
L
IN
S
V
V
V
L
I
V
f (MHz)

ΔI
L=max (0.3*ICHG,0.5A)
ΔI
LMIN=0.5A
ΔI
LMAX=0.9A
LMIN
(uH)
LMAX
(uH)
L
(uH)
Saturation
Current (A)
(6)
DCR
(m
Ω)
Package
5V
0.367
1.25
1.0
>3.95
<50
Application
Required
9V
1.5
2.8
2.2
>3.95
<50
Application
Required
12V
1.75
3.5
2.2
>6
(7)
<50
Application
Required
For the condition that VIN is higher or equal to
12V, and the total output power including
system load and battery charging is over 10W,
an 1A schottky diode from SW to GND is
required. The voltage rating of the schottky
diode is usually selected at 30V.
Selecting the Input Capacitor
The input capacitor (CIN) from the typical
application circuit absorbs the maximum ripple
current from the PWM converter, which is given
by Equation (15):
SYS _ MIN
IN _ MAX
SYS _ MIN
RMS _ MAX
CC _ MAX
IN _ MAX
V
(V
V
)
II
V


(15)
For ICC_MAX = 3A, VSYS_MIN = 3.6V, VIN_MAX = 14V,
the maximum ripple current is 1.3A. Select the
input capacitors so that the temperature rise
caused by the ripple current does not exceed
10°C. Ceramic capacitors with X5R or X7R
dielectrics are recommended because of their
low ESR and small temperature coefficients.
For most applications, use a 10µF capacitor.
When input voltage is over 10V, 22uF capacitor
is used for CIN.
Besides, usually a small cap with at least 1uF
(C1) from IN to GND is required to be put as
much close as possible to the IC.
For the input voltage is high to 14V, consider
the spike when input insert, select the input
capacitors (both the 22uF and 1uF) in 25V
rating.
Selecting the Output Capacitor
The output capacitor (CSYS) from the typical
application circuit is parallel with the SYS load.
CSYS absorbs the high-frequency switching
ripple current and smoothes the output voltage.
Its impedance must be much less than that of
the system load to ensure that it absorbs the
ripple current properly.
Ceramic capacitors are recommended for their
lower ESR and smaller size, which allows the
ESR of the output capacitor to be ignored. The
output voltage ripple can be calculated with
Equation (16):
%
L
f
2
C
8
V
V
1
V
V
r
2
S
IN
SYS
SYS
SYS
(16)
To guarantee ±0.5% system voltage accuracy,
the maximum output voltage ripple must not
exceed 0.5% (e.g.: 0.1%). The maximum output
voltage ripple occurs at the minimum system
voltage and the maximum input voltage.
The output capacitor can be calculated with
Equation (17):
SYS _ MIN
IN
SYS
2
S
V
1
V
C
8 f
L
r
  
(17)
When SYSFB pin is floating, output voltage
ripple is the main concern to select the output
capacitor (CSYS), refer to Table 5 for detail
selection guide about the SYS capacitance
selection under typical inputs.
NOTE:
6)
Saturation Current of the inductor should be higher than the IPEAK, add 0.5A margin here.
7)
This requirement is for SYS short protection consideration. It could be >3.95A as usual if this feature is not included in the
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com