Electronic Components Datasheet Search
  English  ▼

X  

MP2617HGL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2617HGL
Description  Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617HGL Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2617HGL Datasheet HTML 2Page - Monolithic Power Systems MP2617HGL Datasheet HTML 3Page - Monolithic Power Systems MP2617HGL Datasheet HTML 4Page - Monolithic Power Systems MP2617HGL Datasheet HTML 5Page - Monolithic Power Systems MP2617HGL Datasheet HTML 6Page - Monolithic Power Systems MP2617HGL Datasheet HTML 7Page - Monolithic Power Systems MP2617HGL Datasheet HTML 8Page - Monolithic Power Systems MP2617HGL Datasheet HTML 9Page - Monolithic Power Systems MP2617HGL Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MP2617H
– SINGLE-CELL SWITCHING CHARGER WITH NVDC POWER PATH
MP2617H Rev. 1.03
www.MonolithicPower.com
6
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input Power (IN)
IN operating range
VIN
4.0
14
(5)
V
IN under voltage lockout
threshold
Rising
3.65
3.8
3.95
V
Falling
3.35
3.5
3.65
V
IN vs. BATT threshold
Rising
240
280
320
mV
Falling
40
70
120
mV
BST voltage threshold
VBST-VSW
Rising
2.7
2.9
3.1
V
Falling
2.55
2.75
2.95
V
Switching frequency
1.4
1.6
1.8
MHz
Input current limit
IIN
USB2.0 mode
400
450
500
mA
USB3.0 mode
750
825
900
mA
Default mode
1840
2000
2160
mA
Programmable mode, RILIM = 23kΩ
1840
2000
2160
mA
Input current limit reference
voltage
VILIM
1.1
1.14
1.18
V
High-side NMOS on
resistance
RH_DS(ON) Include the block MOSFET
120
130
m
Ω
Low-side NMOS on resistance
RL_DS(ON)
80
100
m
Ω
High-side NMOS peak current
limit
3.8
4.8
5.8
A
Input voltage clamp threshold
VVLIM
Voltage on VLIM
1.49
1.52
1.55
V
Input quiescent current
IIN
Charger enabled, USB2.0 mode
2.4
5
mA
Charger enabled, USB3.0 mode
2.8
5
mA
Charger enable, programmable mode
3.8
5
mA
Charger enabled, default mode
3.8
5
mA
Disabled, EN = 0V
3
5
µA
SYS to IN reverse current
blocking
SYS = SW = 4.5V, VIN = 0V,
monitor VIN leakage
0.01
0.2
µA
SYS Output
Minimum SYS regulation
voltage
VSYS
SYS voltage at VBATT ≤ 3.4V,
SYSFB float
3.45
3.6
3.75
V
SYS regulation voltage
VSYS
3.4V < VBATT ≤ 4.2V, SYSFB float,
BATT float
3.5
VBATT +
0.2V
4.5
V
Programmed by SYSFB
4.08
4.4
V
SYS reference voltage
VSYS_REF
1.135
1.152 1.170
V
Battery Discharge
BATT to SYS resistance
VIN = 0V, ISYS = 200mA, VBATT = 4.2V
40
50
m
Ω
BATT to SYS current limit
VSYS > VBATT - 800mV, VBATT = 4.2V
5
6.2
7.4
A
SYS short
230
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com