Electronic Components Datasheet Search
  English  ▼

X  

MP2617HGL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2617HGL
Description  Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617HGL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2617HGL Datasheet HTML 1Page - Monolithic Power Systems MP2617HGL Datasheet HTML 2Page - Monolithic Power Systems MP2617HGL Datasheet HTML 3Page - Monolithic Power Systems MP2617HGL Datasheet HTML 4Page - Monolithic Power Systems MP2617HGL Datasheet HTML 5Page - Monolithic Power Systems MP2617HGL Datasheet HTML 6Page - Monolithic Power Systems MP2617HGL Datasheet HTML 7Page - Monolithic Power Systems MP2617HGL Datasheet HTML 8Page - Monolithic Power Systems MP2617HGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MP2617H
– SINGLE-CELL SWITCHING CHARGER WITH NVDC POWER PATH
MP2617H Rev. 1.03
www.MonolithicPower.com
4
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
BST
Bootstrap. A capacitor is connected between SW and BST to form a floating supply across
the power switch driver
to drive the power switch’s gate above the supply voltage.
2, 4
SW
Switch output. Add an external 30V/1A Schottky diode from SW to GND when VIN is higher
or equal to12V and the output power include system load and battery charging is over 10W.
3
IN
Power input of the IC from adapter or USB.
5
PGND
Power ground.
6
EN
_____
Function logic control of the IC. Drive EN
_____
to logic low to enable the part. Drive EN
_____
to logic
high to disable the part.
7
M0
Mode select input. M0 sets the input current limit mode in combination with M1.
8
M1
Mode select input. M1 sets the input current limit mode in combination with M0.
9
CHGOK
_____________
Open-drain output. CHGOK
_____________
is pulled low during charging. CHGOK
_____________
is pulled high through
an external resistor to VCC to indicate that the charge is complete.
10
ACOK
__________
Open-drain output. ACOK
__________
is pulled low to indicate the presence of a valid input power
supply. ACOK
__________
is pulled high through an external resistor to VCC to indicate an invalid or
removed input.
11
AGND
Analog ground.
12
SYSFB
SYS voltage program. Connect a resistor divider from SYSFB to SYS and AGND to
program the system output voltage. Leave SYSFB floating to disable the function.
13
SYS
DC/DC regulator output to power the system load and charge the battery.
14
BATT
Positive battery terminal.
15
ISET
Charge current program. A resistor from ISET to AGND can program the charge current
during CC charging. Float ISET to disable the charge function.
16
NTC
Thermistor input. Connect a resistor from NTC to VCC and the thermistor from NTC to
ground. The thermistor is inside the battery pack.
17
ILIM
Input current limit program. A resistor from ILIM to AGND can program the input current
limit with the adapter input.
18
TMR
Set timer-out period. Connect TMR to AGND to disable the internal timer.
19
VLIM
Input voltage limit program.
20
VCC
Supply voltage of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com