| Electronic Components Datasheet Search |
|
PEF82913 Datasheet(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEF82913 Datasheet(HTML) 24 Page - Infineon Technologies AG |
|
24 / 240 page ![]() PEF 82912/82913 Overview Data Sheet 10 2001-03-30 28 28 SDX AD7 OD,O I/O Serial Data Transmit: Transmit data line of the SCI interface if a serial interface is selected Multiplexed Bus Mode: Address/data bus Address/data line AD7 if the parallel interface is selected Non-Multiplexed Bus Mode: Data bus Data line D7 if the parallel interface is selected 21 22 23 24 25 AD0 AD1 AD2 AD3 AD4 I/O I/O I/O I/O I/O Multiplexed Bus Mode: Address/data bus Transfers addresses from the microcontroller to the Q-SMINT®I and data between the microcontroller and the Q-SMINT®I. Non-Multiplexed Bus Mode: Data bus. Transfers data between the microcontroller and the Q-SMINT®I (data lines D0-D4). 36 37 38 39 40 53 54 A0 A1 A2 A3 A4 A5 A6 I I I I I I I Non-Multiplexed Bus Mode: Address bus transfers addresses from the microcontroller to the Q-SMINT®I. For indirect address mode only A0 is valid. Multiplexed Bus Mode Not used in multiplexed bus mode. In this case A0-A6 should directly be connected to VDD. 11 RD DS I I Read Indicates a read access to the registers (Intel bus mode). Data Strobe The rising edge marks the end of a valid read or write operation (Motorola bus mode). Table 2 Pin Definitions and Functions (cont’d) Pin Symbol Type Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |