Electronic Components Datasheet Search
  English  ▼

X  

PEF82913 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # PEF82913
Description  2B1Q Second Gen. Modular ISDN NT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF82913 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button PEF82913 Datasheet HTML 87Page - Infineon Technologies AG PEF82913 Datasheet HTML 88Page - Infineon Technologies AG PEF82913 Datasheet HTML 89Page - Infineon Technologies AG PEF82913 Datasheet HTML 90Page - Infineon Technologies AG PEF82913 Datasheet HTML 91Page - Infineon Technologies AG PEF82913 Datasheet HTML 92Page - Infineon Technologies AG PEF82913 Datasheet HTML 93Page - Infineon Technologies AG PEF82913 Datasheet HTML 94Page - Infineon Technologies AG PEF82913 Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 240 page
background image
PEF 82912/82913
Functional Description
Data Sheet
77
2001-03-30
However, if the same filter is selected towards the state machine as programmed
towards the µC, the user has to be aware that if CRC mode is active, the state machine
is informed at the end of the next U-superframe.
2.4.5
M4, M5, M6 Bit Control Mechanisms
Figure 42 and Figure 43 show the control mechanisms that are provided for M4, M5 and
M6 bit data:
Via the M4WMASK register the user can selectively program which M4 bits are
externally controlled and which are set by the internal state machine or dedicated pins
(PS1, PS2). If one M4WMASK bit is set to ’0’ then the M4 bit value in the U-transmit
frame is determined by the bit value at the corresponding bit position in the M4W register.
Note: By bit 6 in the M4WMASK register it can be selected whether SAI is set by the
state machine or by µC access and whether the value of the received UOA bit is
reported to the state machine or UOA= ’1’ is signalled.
Via the M4RMASK register the user can selectively program which M4 bit changes shall
cause an report to the µC.
The M4W register latches the M4 bits that are sent with the next available U-superframe.
The M4R register contains the last validated M4 bit data.
The default value of M51, M52 and M61 can be overwritten at any time by use of register
M56W. M56R latches the last received and verified M5, M6 bit data.
The control of the FEBE bit is performed by the CRC-Processor, see Chapter 2.4.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com