Electronic Components Datasheet Search
  English  ▼

X  

PEF82913 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PEF82913
Description  2B1Q Second Gen. Modular ISDN NT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF82913 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PEF82913 Datasheet HTML 1Page - Infineon Technologies AG PEF82913 Datasheet HTML 2Page - Infineon Technologies AG PEF82913 Datasheet HTML 3Page - Infineon Technologies AG PEF82913 Datasheet HTML 4Page - Infineon Technologies AG PEF82913 Datasheet HTML 5Page - Infineon Technologies AG PEF82913 Datasheet HTML 6Page - Infineon Technologies AG PEF82913 Datasheet HTML 7Page - Infineon Technologies AG PEF82913 Datasheet HTML 8Page - Infineon Technologies AG PEF82913 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 240 page
background image
Q-SMINT®I
2B1Q Second Gen. Modular ISDN NT
(Intelligent)
PEF 82912/82913 Version 1.3
Data Sheet, DS 1, March 2001
Wired
Communications
Never
stop
thinking.


Similar Part No. - PEF82913

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF82902 INFINEON-PEF82902 Datasheet
3Mb / 205P
4B3T Second Gen Modular ISDN NT
DS 1, Nov. 2001
More results

Similar Description - PEF82913

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3410 NSC-TP3410 Datasheet
436Kb / 32P
TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
logo
Infineon Technologies A...
PEF80902 INFINEON-PEF80902 Datasheet
1Mb / 83P
4B3T Second Gen. Modular ISDN NT(Ordinary)
Nov. 2001
PEF81912 INFINEON-PEF81912 Datasheet
2Mb / 276P
Q-SMINT짰IX 2B1Q Second Gen. Modular ISDN NT (Intelligent eXtended)
2001-03-30 Version 1.3
logo
EPCOS
B78421A1720A003 EPCOS-B78421A1720A003_08 Datasheet
97Kb / 5P
ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78386P1580A005 EPCOS-B78386P1580A005_08 Datasheet
78Kb / 5P
ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78386P1116A005 EPCOS-B78386P1116A005 Datasheet
76Kb / 5P
ISDN transformers UK0 interface, 2B1Q RM 6, 13.3 mH, 1.6:1.6:1:1
B78421P1582A005 EPCOS-B78421P1582A005_08 Datasheet
73Kb / 5P
ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
logo
Infineon Technologies A...
PEF24911 INFINEON-PEF24911 Datasheet
2Mb / 155P
Quad ISDN 2B1Q Echocanceller Digital Front End
DS 3, July 2001
PEF82902 INFINEON-PEF82902 Datasheet
3Mb / 205P
4B3T Second Gen Modular ISDN NT
DS 1, Nov. 2001
logo
Linx Technologies
TRM-868-NT LINX-TRM-868-NT Datasheet
2Mb / 23P
NT Series Transceiver Module
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com