Electronic Components Datasheet Search
  English  ▼

X  

SLK2721 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLK2721
Description  OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2721 Datasheet(HTML) 4 Page - Texas Instruments

  SLK2721 Datasheet HTML 1Page - Texas Instruments SLK2721 Datasheet HTML 2Page - Texas Instruments SLK2721 Datasheet HTML 3Page - Texas Instruments SLK2721 Datasheet HTML 4Page - Texas Instruments SLK2721 Datasheet HTML 5Page - Texas Instruments SLK2721 Datasheet HTML 6Page - Texas Instruments SLK2721 Datasheet HTML 7Page - Texas Instruments SLK2721 Datasheet HTML 8Page - Texas Instruments SLK2721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SLK2721
OC48+FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
WITH ENHANCED JITTER TOLERANCE
SLLS532 − JUNE 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
clock pins
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
REFCLKP
REFCLKN
94
95
LVDS/PECL
compatible input
Differential reference input clock. There is an on-chip 100-
Ω termination resistor differentially
placed between REFCLKP and REFCLKN. The dc bias is also provided on-chip for the
ac-coupled case.
RXCLKP
RXCLKN
67
68
LVDS output
Receive data clock. The data on RXDATA(0:3) is on the falling edges of RXCLKP. The interface
of RXDATA(0:3) and RXCLKP is source synchronous (refer to Figure 6).
TXCLKP
TXCLKN
79
80
LVDS input
Transmit data clock. The data on TXDATA(0:3) is latched on the rising edge of TXCLKP.
TXCLKSRCP
TXCLKSRCN
70
71
LVDS output
Transmit clock source. A clock source generated from the SLK2721 device to the downstream
device (i.e., framer) that could be used by the downstream device to transmit data back to the
SLK2721 device. This clock is frequency-locked to the local reference clock.
serial side data pins
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
SRXDIP
SRXDIN
14
15
PECL compatible
input
Receive differential pairs; high-speed serial inputs
STXDOP
STXDON
9
8
PECL compatible
output
Transmit differential pairs; high-speed serial outputs
parallel side data pins
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
FSYNCP
FSYNCN
73
74
LVDS output
Frame sync pulse. This signal indicates the frame boundaries of the incoming data stream. If the
frame-detect circuit is enabled, FSYNC pulses for four RXCLKP and RXCLKN clock cycles,
when it detects the framing patterns.
RXDATA[0:3]
P/N
66−63
60−57
LVDS output
Receive data pins. Parallel data on this bus is valid on the falling edge of RXCLKP (refer to
Figure 6). RXDATA0 is the first bit received in time.
RXPARP
RXPARN
56
55
LVDS output
Receive data parity output
TXDATA[0:3]
P/N
88−81
LVDS input
Transmit data pins. Parallel data on this bus is clocked on the rising edge of TXCLKP.
TXDATA0 is the first bit transmitted in time.
TXPARP
TXPARN
99
98
LVDS input
Transmit data parity input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com