Electronic Components Datasheet Search
  English  ▼

X  

SLK2721 Datasheet(PDF) 16 Page - Texas Instruments

Part # SLK2721
Description  OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2721 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SLK2721 Datasheet HTML 12Page - Texas Instruments SLK2721 Datasheet HTML 13Page - Texas Instruments SLK2721 Datasheet HTML 14Page - Texas Instruments SLK2721 Datasheet HTML 15Page - Texas Instruments SLK2721 Datasheet HTML 16Page - Texas Instruments SLK2721 Datasheet HTML 17Page - Texas Instruments SLK2721 Datasheet HTML 18Page - Texas Instruments SLK2721 Datasheet HTML 19Page - Texas Instruments SLK2721 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
SLK2721
OC48+FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
WITH ENHANCED JITTER TOLERANCE
SLLS532 − JUNE 2002
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VOD
49.9
Ω
49.9
Ω
VOS
CL = 5 pF Max
VOD(H)
VOD(L)
tr
tf
0 V
100%
80%
20%
0%
Figure 5. Test Load and Voltage Definitions for LVDS Outputs
t(cq_min)
t(cq_max)
RXCLKP
RXDATA
P/N
Figure 6. LVDS Output Waveform
tsu
th
TXCLKP
TXDATA
P/N
Figure 7. LVDS Input Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com