Electronic Components Datasheet Search
  English  ▼

X  

SLK2721 Datasheet(PDF) 18 Page - Texas Instruments

Part # SLK2721
Description  OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2721 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SLK2721 Datasheet HTML 13Page - Texas Instruments SLK2721 Datasheet HTML 14Page - Texas Instruments SLK2721 Datasheet HTML 15Page - Texas Instruments SLK2721 Datasheet HTML 16Page - Texas Instruments SLK2721 Datasheet HTML 17Page - Texas Instruments SLK2721 Datasheet HTML 18Page - Texas Instruments SLK2721 Datasheet HTML 19Page - Texas Instruments SLK2721 Datasheet HTML 20Page - Texas Instruments SLK2721 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
SLK2721
OC48+FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
WITH ENHANCED JITTER TOLERANCE
SLLS532 − JUNE 2002
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
designing with the PowerPad package
The SLK2721 device is housed in high-performance, thermally enhanced, 100-pin PZP PowerPAD packages.
Use of a PowerPAD package does not require any special considerations except to note that the PowerPAD,
which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical conductor. Correct
device operation requires that the PowerPAD be soldered to the thermal land. Do not run any etches or signal
vias under the device, but have only a grounded thermal land, as explained below. Although the actual size of
the exposed die pad may vary, the minimum size required for the keepout area for the 100-pin PZP PowerPAD
package is 12 mm
× 12 mm.
A thermal land, which is an area of solder-tinned-copper, is required underneath the PowerPAD package. The
thermal land varies in size depending on the PowerPAD package being used, the PCB construction, and the
amount of heat that needs to be removed. In addition, the thermal land may or may not contain numerous
thermal vias, depending on PCB construction.
Other requirements for thermal lands and thermal vias are detailed in the TI application note PowerPAD
Thermally Enhanced Package Application Report, TI literature number SLMA002, available via the TI Web
pages beginning at URL http://www.ti.com.
Figure 11. Example of a Thermal Land
For the SLK2721 device, this thermal land must be grounded to the low-impedance ground plane of the device.
This improves not only thermal performance but also the electrical grounding of the device. It is also
recommended that the device ground terminal landing pads be connected directly to the grounded thermal land.
The land size must be as large as possible without shorting device signal terminals. The thermal land may be
soldered to the exposed PowerPAD using standard reflow soldering techniques.
While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is
recommended that the thermal land be connected to the low-impedance ground plane of the device. More
information may be obtained from the TI application note PHY Layout, TI literature number SLLA020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com