Electronic Components Datasheet Search
  English  ▼

X  

AS72651 Datasheet(PDF) 1 Page - ams AG

Part # AS72651
Description  Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS72651 Datasheet(HTML) 1 Page - ams AG

  AS72651 Datasheet HTML 1Page - ams AG AS72651 Datasheet HTML 2Page - ams AG AS72651 Datasheet HTML 3Page - ams AG AS72651 Datasheet HTML 4Page - ams AG AS72651 Datasheet HTML 5Page - ams AG AS72651 Datasheet HTML 6Page - ams AG AS72651 Datasheet HTML 7Page - ams AG AS72651 Datasheet HTML 8Page - ams AG AS72651 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
ams Datasheet
Page 1
[v1-03] 2017-Oct-17
Document Feedback
AS72651
Smart 6-Channel NIR Spectral_ID
Sensor with Electronic Shutter and
18-Channel AS7265x Master
Capability
The AS72651 is a digital 6-channel multi-spectral sensor for
spectral identification in the near IR light wavelengths, serving
as master controller for the AS7265x chip-set. It has 6 indepen-
dent on-device optical filters whose spectral response is de-
fined in the NIR wavelengths from 600nm to 870nm with FWHM
of 20nm. The AS72651, combined with the AS72652 (spectral
response from 560nm to 940nm) and the AS72653 (spectral re-
sponse from 410nm to 535nm) form an AS7265x 18-channel
multi-spectral sensor chip-set from 410nm to 940nm.
Each AS7265x device has two integrated LED drivers with pro-
grammable current and can be timed for electronic shutter ap-
plications.
The device family integrates Gaussian filters into standard
CMOS silicon via nano-optic deposited interference filter tech-
nology in LGA packages that also provide built-in apertures to
control the light entering the sensor array.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS72651, Smart 6-Channel NIR
Spectral_ID Sensor with Electronic Shutter and 18-Channel
AS7265x Master Capability are listed below:
Figure 1:
AS7265x Chip-Set Benefits and Features
Benefits
Features
• Compact 18-channel spectrometry chip-set
solution
• Master device for 3 chip set delivering 18 visible
and NIR channels from 410nm to 940nm each with
20nm FWHM
• UART or I²C slave digital Interface
• Visible filter set realized by silicon interference
filters
• No additional signal conditioning required
• 16-bit ADC with digital access
• Programmable LED drivers
• 2.7V to 3.6V with I²C interface
General Description


Similar Part No. - AS72651

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS72651 AMSOSRAM-AS72651 Datasheet
1Mb / 10P
Errata Document of Datasheet Version 1-03 or later in combination with firmware Version V1.2.7 or later
2018-May-15
logo
OSRAM GmbH
AS72651-BLGT OSRAM-AS72651-BLGT Datasheet
1Mb / 64P
Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
v1-04 2018-Jul-09
logo
ams-OSRAM AG
AS72651-BLGT AMSOSRAM-AS72651-BLGT Datasheet
1Mb / 64P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
2018-Jul-09
More results

Similar Description - AS72651

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11155-2048 HAMAMATSU-S11155-2048 Datasheet
427Kb / 8P
Back-thinned CCD image sensors with electronic shutter function
logo
Omron Electronics LLC
G3CN202P1DC328 OMRON-G3CN202P1DC328 Datasheet
1Mb / 21P
Electronic Components Master Selection Guide
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
AMR Sensor with 360째 capability
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
AS7265X AMSCO-AS7265X Datasheet
1Mb / 63P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
logo
SparkFun Electronics
SEN-15050 SPARKFUN-SEN-15050 Datasheet
223Kb / 3P
SparkFun Triad Spectroscopy Sensor - AS7265x (Qwiic)
11??2??8
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com