Electronic Components Datasheet Search
  English  ▼

X  

AS72651 Datasheet(PDF) 4 Page - ams AG

Part # AS72651
Description  Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS72651 Datasheet(HTML) 4 Page - ams AG

  AS72651 Datasheet HTML 1Page - ams AG AS72651 Datasheet HTML 2Page - ams AG AS72651 Datasheet HTML 3Page - ams AG AS72651 Datasheet HTML 4Page - ams AG AS72651 Datasheet HTML 5Page - ams AG AS72651 Datasheet HTML 6Page - ams AG AS72651 Datasheet HTML 7Page - ams AG AS72651 Datasheet HTML 8Page - ams AG AS72651 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-03] 2017-Oct-17
AS72651 − Pin Assignments
The device pin assignments are described below.
Figure 3:
Pin Diagram of AS72651 (Top View)
Figure 4:
AS72651 Pin Description
Pin No.
Pin Name
Pin Type
Description
1
SDA_M
Digital Input and Output
I²C master data for communicating with AS72652
and AS72653
2
RESN
Digital Input
Reset pin, active low (w/internal pull-up to VDD)
3
SCK
Digital Output
SPI serial clock
4
MOSI
Digital Input and Output
SPI MOSI
5
MISO
Digital Input and Output
SPI MISO
6
CSN_EE
Digital Output
Chip select for external EEPROM, active low
7
CSN_SD
Digital Output
Chip select for SD card interface, active low
8
I2C_ENB
Digital Input
Selects UART (low) or I²C (high) operation
9
INT
Digital Output (open drain)
INT is active low
10
NC
Not functional. No connect
Pin Assignments
1
5
610
11
15
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com