Electronic Components Datasheet Search
  English  ▼

X  

AS72651 Datasheet(PDF) 35 Page - ams AG

Part # AS72651
Description  Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS72651 Datasheet(HTML) 35 Page - ams AG

Back Button AS72651 Datasheet HTML 31Page - ams AG AS72651 Datasheet HTML 32Page - ams AG AS72651 Datasheet HTML 33Page - ams AG AS72651 Datasheet HTML 34Page - ams AG AS72651 Datasheet HTML 35Page - ams AG AS72651 Datasheet HTML 36Page - ams AG AS72651 Datasheet HTML 37Page - ams AG AS72651 Datasheet HTML 38Page - ams AG AS72651 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
ams Datasheet
Page 35
[v1-03] 2017-Oct-17
Document Feedback
AS72651 − Detailed Description
Figure 37:
AS72653 LED Control Register
Figure 38:
I2C Calibration Select Register
Addr: 0x17/0x97
AS72653_LED Control
Bit
Bit Name
Default
Access
Bit Description
7:6
RSVD
0
R
Reserved
5:4
ICL_DRV
00
R/W
LED_DRV current limit
‘b00=12.5mA; ‘b01=25mA; ‘b10=50mA;
‘b11=100mA;
3LED_DRV
0
R/W
Enable LED_DRV
1: Enabled; 0: Disabled
2:1
ICL_IND
00
R/W
LED_IND current limit
‘b00=1mA; ‘b01=2mA; ‘b10=4mA; ‘b11=8mA;
0LED_IND
0
R/W
Enable LED_IND
1: Enabled; 0: Disabled
Addr: 0x3F/0xBF
I2C_Calibration_Select
Bit
Bit Name
Default
Access
Bit Description
7:2
RSVD
Reserved, do not use.
1:0
SEL_VALUE
00
R/W
Used to access the calibrated data values. Set to one of
these values before reading the Calibrated Data from
the selected device:
00=AS72651, 01=AS72652, 10=AS72652,
11=reserved, do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com