Electronic Components Datasheet Search
  English  ▼

X  

LCW-MTSG Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCW-MTSG
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-MTSG Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCW-MTSG Datasheet HTML 3Page - OSRAM GmbH LCW-MTSG Datasheet HTML 4Page - OSRAM GmbH LCW-MTSG Datasheet HTML 5Page - OSRAM GmbH LCW-MTSG Datasheet HTML 6Page - OSRAM GmbH LCW-MTSG Datasheet HTML 7Page - OSRAM GmbH LCW-MTSG Datasheet HTML 8Page - OSRAM GmbH LCW-MTSG Datasheet HTML 9Page - OSRAM GmbH LCW-MTSG Datasheet HTML 10Page - OSRAM GmbH LCW-MTSG Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Version 1.1
LCW MTSG
2015-05-05
7
7L
0.3714
0.3775
7M
0.3799
0.3828
7N
0.3885
0.3882
0.3736
0.3874
0.3826
0.3931
0.3916
0.3987
0.3799
0.3828
0.3885
0.3882
0.3970
0.3935
0.3826
0.3931
0.3916
0.3987
0.4006
0.4044
8L
0.3736
0.3874
8M
0.3826
0.3931
8N
0.3916
0.3987
0.3758
0.3973
0.3853
0.4033
0.3947
0.4093
0.3826
0.3931
0.3916
0.3987
0.4006
0.4044
0.3853
0.4033
0.3947
0.4093
0.4042
0.4153
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com