Electronic Components Datasheet Search
  English  ▼

X  

LCW-MTSG Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCW-MTSG
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-MTSG Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCW-MTSG Datasheet HTML 6Page - OSRAM GmbH LCW-MTSG Datasheet HTML 7Page - OSRAM GmbH LCW-MTSG Datasheet HTML 8Page - OSRAM GmbH LCW-MTSG Datasheet HTML 9Page - OSRAM GmbH LCW-MTSG Datasheet HTML 10Page - OSRAM GmbH LCW-MTSG Datasheet HTML 11Page - OSRAM GmbH LCW-MTSG Datasheet HTML 12Page - OSRAM GmbH LCW-MTSG Datasheet HTML 13Page - OSRAM GmbH LCW-MTSG Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2015-05-05
10
Version 1.1
LCW MTSG
Forward Current 6) page 22 , 7) page 22
Durchlassstrom 6) Seite 22 , 7) Seite 22
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 22 , 7) page 22
Relative Lichtstärke 6) Seite 22 , 7) Seite 22
IV/IV(10 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 22
Farbortverschiebung 6) Seite 22
ΔCx, ΔCy = f(IF); TS = 25 °C
LCW MTSG
2.7
2.8
3.0
3.2
3.4
VF [V]
3
4
5
10
20
30
IF [mA]
LCW MTSG
5
6
7
8 9 10
20
30
IF [mA]
0,5
0,6
0,7
0,8
0,9
1
2
IV
IV(10mA)
: warm white
LCW MTSG
3
5
10
15
20
25
30
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
:
∆ Cx
:
∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com