Electronic Components Datasheet Search
  English  ▼

X  

LCW-MTSG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCW-MTSG
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-MTSG Datasheet(HTML) 1 Page - OSRAM GmbH

  LCW-MTSG Datasheet HTML 1Page - OSRAM GmbH LCW-MTSG Datasheet HTML 2Page - OSRAM GmbH LCW-MTSG Datasheet HTML 3Page - OSRAM GmbH LCW-MTSG Datasheet HTML 4Page - OSRAM GmbH LCW-MTSG Datasheet HTML 5Page - OSRAM GmbH LCW-MTSG Datasheet HTML 6Page - OSRAM GmbH LCW-MTSG Datasheet HTML 7Page - OSRAM GmbH LCW-MTSG Datasheet HTML 8Page - OSRAM GmbH LCW-MTSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-05-05
1
2015-05-05
Mini TOPLED
Datasheet
Version 1.1
LCW MTSG
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.38, Cy = 0.38 acc. to CIE 1931
(warm white); CRI (typ.) = 82; CTR = 4000 K
•
Farbe: Cx = 0.38, Cy = 0.38 nach CIE 1931
(warmweiß); CRI (typ.) = 82; CTR = 4000 K
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Aircraft Interior Lighting
•
Flugzeugbeleuchtung innen
•
Transportation
•
Verkehrsmittel
•
White Goods Lighting
•
Weiße Ware
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Reading Lamps
•
Leselampen


Similar Part No. - LCW-MTSG

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCW-MTSG AMSOSRAM-LCW-MTSG Datasheet
1Mb / 23P
Mini TOPLED®
2020-11-02
More results

Similar Description - LCW-MTSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com