Electronic Components Datasheet Search
  English  ▼

X  

ISL9219 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp ISL9219 Datasheet HTML 10Page - Renesas Technology Corp ISL9219 Datasheet HTML 11Page - Renesas Technology Corp ISL9219 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ISL9219
FN6606 Rev 2.00
Page 11 of 12
April 7, 2010
POWER
UP
POR
Y
N
CV CHARGE
STAT1= L
STAT2 = L
PG = VIN
ACFLT = L
Y
N
INITIALIZATION
RESET
COUNTER
VOUT>VMIN
Y
IOUT = ISET
Y
N
Y
N
POR
Y
N
IOUT < IMIN ?
AC_IN = HI?
USBI = HI?
IOUT = 500mA
IOUT = 100mA
N
VOUT =
4.2V?
CHARGE
COMPLETE
STAT1 = L
STAT2 = H
PG = VIN
ACFLT = L
Y
N
TRICKLE CHARGE
STAT1 = L
STAT2 = L
PG = VIN
ACFLT = L
VIN>VPOR?
ANYTIME WHEN
VIN < 4.4V
ACFLT = H
Y
TIMEOUT ?
TIMEOUT ?
FAULT
STAT1 = H
STAT2 = L
CHARGE COMPLETE
STAT1 = L
STAT2 = H
CHARGER OFF
POR OR
EN TOGGLED
OTP
N
N
TRICKLE
TIMEOUT ?
Y
CV CHARGE
STAT1= L
STAT2 = L
PG = VIN
ACFLT = L
TIMEOUT?
Y
N
VIN>VOUT +VOS?
Y
N
EN = LO ?
Y
N
SUSPEND
STAT1 = H
STAT2 = H
ANYTIME
WHEN
BATT IS
REMOVED
VIN<VOVP?
Y
ACFLT = H
N
RE-CHARGE
STAT1 = L
STAT2 = H
CHARGER ON
TIMER RESET
VOUT <
VRECH?
N
Y
TIMEOUT ?
N
Y
EN = H
FIGURE 3. STATE DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com