Electronic Components Datasheet Search
  English  ▼

X  

ISL9219 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp ISL9219 Datasheet HTML 10Page - Renesas Technology Corp ISL9219 Datasheet HTML 11Page - Renesas Technology Corp ISL9219 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ISL9219
FN6606 Rev 2.00
Page 12 of 12
April 7, 2010
Package Outline Drawing
L20.3x4
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 3/10
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
SIDE VIEW
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
0.10 M C A B
MC
0.05
0.15
0.08 C
0.10 C
A
B
C
C
4.00
3.00
20x 0.40±0.10
2.65
1.65
0.25
0.50
(2.80)
(1.65)
+0.10
-0.15
+0.10
-0.15
+0.05
-0.07
20X
A
A
4
(4X)
SEATING PLANE
0.9± 0.10
5
0.2 REF
0.05 MAX.
SEE DETAIL "X"
0.00 MIN.
(C 0.40)
1
20
17
16
11
6
10
7
(3.80)
(2.65)
(20 x 0.25)
(20 x 0.60)
(16 x 0.50)
16X
VIEW "A-A"
PIN 1 INDEX AREA
PIN 1
INDEX AREA
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com