Electronic Components Datasheet Search
  English  ▼

X  

ISL6402 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6402
Description  300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6402 Datasheet HTML 1Page - Renesas Technology Corp ISL6402 Datasheet HTML 2Page - Renesas Technology Corp ISL6402 Datasheet HTML 3Page - Renesas Technology Corp ISL6402 Datasheet HTML 4Page - Renesas Technology Corp ISL6402 Datasheet HTML 5Page - Renesas Technology Corp ISL6402 Datasheet HTML 6Page - Renesas Technology Corp ISL6402 Datasheet HTML 7Page - Renesas Technology Corp ISL6402 Datasheet HTML 8Page - Renesas Technology Corp ISL6402 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISL6402
FN9123 Rev 3.00
Page 4 of 19
Nov 8, 2004
Typical Application Schematic
+
PGOOD
+12V
UGATE2
PHASE2
ISL6402
+
C1
R5
C10
23
26
4
28
6
18
16
LGATE2
Q2B
19
14
ISEN2
R4
21
C8
BOOT2
VIN
5
D2
25
17
C5
R6
9
27
GATE3
OCSET2
FB1
UGATE1
PHASE1
+ C9
PGND
LGATE1
Q1B
ISEN1
R3
C7
BOOT1
D1
R2
SYNC
OCSET1
VCC_5V
7
10
R10
8
SD2
24
1
3
2
13
L2
FB3
15
SS1
SS2
11
SGND
20
C3
Q1A
VOUT1
R1
Q1A
FB2
SGND
VOUT2
Q3
+
R12
R13
C12
VOUT3
SD1
R7
+2.5V
+3.3V
+3.3V
C2
C6
L1
C4
+1.2V
(See Note)
22
R11
C11
NOTE: Pin numbers correspond to the TSSOP pinout.
R8
SGND
12
VCC_5V
R9
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com