Electronic Components Datasheet Search
  English  ▼

X  

ISL6402 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6402
Description  300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6402 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6402 Datasheet HTML 1Page - Renesas Technology Corp ISL6402 Datasheet HTML 2Page - Renesas Technology Corp ISL6402 Datasheet HTML 3Page - Renesas Technology Corp ISL6402 Datasheet HTML 4Page - Renesas Technology Corp ISL6402 Datasheet HTML 5Page - Renesas Technology Corp ISL6402 Datasheet HTML 6Page - Renesas Technology Corp ISL6402 Datasheet HTML 7Page - Renesas Technology Corp ISL6402 Datasheet HTML 8Page - Renesas Technology Corp ISL6402 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL6402
FN9123 Rev 3.00
Page 2 of 19
Nov 8, 2004
Pinouts
ISL6402 (TSSOP)
TOP VIEW
ISL6402 (QFN)
TOP VIEW
LGATE2
BOOT2
UGATE2
PHASE2
ISEN2
PGOOD
VCC_5V
SD2
SS2
OCSET2
FB2
VIN
SYNC
LGATE1
UGATE1
PHASE1
ISEN1
PGND
SS1
OCSET1
FB1
SGND
GATE3
FB3
BOOT1
SD1
SGND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SGND
PHASE2
ISEN2
PGOOD
VCC_5V
SD2
SS2
OCSET2
ISEN1
PGND
SD1
SS1
SGND
OCSET1
FB1
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com