Electronic Components Datasheet Search
  English  ▼

X  

LSY-A676 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LSY-A676
Description  white SMT package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSY-A676 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LSY-A676 Datasheet HTML 3Page - OSRAM GmbH LSY-A676 Datasheet HTML 4Page - OSRAM GmbH LSY-A676 Datasheet HTML 5Page - OSRAM GmbH LSY-A676 Datasheet HTML 6Page - OSRAM GmbH LSY-A676 Datasheet HTML 7Page - OSRAM GmbH LSY-A676 Datasheet HTML 8Page - OSRAM GmbH LSY-A676 Datasheet HTML 9Page - OSRAM GmbH LSY-A676 Datasheet HTML 10Page - OSRAM GmbH LSY-A676 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LSY A676
2006-10-04
7
Durchlassstrom
2)
Seite 15
Forward Current
2)
page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 6)
Seite 15
Relative Luminous Intensity
2) 6)
page 15
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2)
Seite 15
Relative Luminous Intensity
2)
page 15
I
V/IV(25 °C) = f (Tj); IF = 20 mA
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
10
10
10
0
-2
10-1
mA
1
10
I
F
2
I
V (20 mA)
I
100
V
101
OHL01062
super-red
yellow
T
OHL01068
0
V
I
-20
0
20
40
60
˚C 100
j
0.4
0.8
1.2
1.6
2.0
I
V
(25 ˚C)
yellow
super-red
super-red
yellow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com