Electronic Components Datasheet Search
  English  ▼

X  

LSY-A676 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LSY-A676
Description  white SMT package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSY-A676 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LSY-A676 Datasheet HTML 6Page - OSRAM GmbH LSY-A676 Datasheet HTML 7Page - OSRAM GmbH LSY-A676 Datasheet HTML 8Page - OSRAM GmbH LSY-A676 Datasheet HTML 9Page - OSRAM GmbH LSY-A676 Datasheet HTML 10Page - OSRAM GmbH LSY-A676 Datasheet HTML 11Page - OSRAM GmbH LSY-A676 Datasheet HTML 12Page - OSRAM GmbH LSY-A676 Datasheet HTML 13Page - OSRAM GmbH LSY-A676 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2006-10-04
10
LSY A676
Empfohlenes Lötpaddesign
7)
Seite 15
Wellenlöten (TTW)
Recommended Solder Pad
7)
page 15
TTW Soldering
Empfohlenes Lötpaddesign
7)
Seite 15
IR Reflow Löten
Recommended Solder Pad
7)
page 15
IR Reflow Soldering
OHPY1302
4.2 (0.165)
1.7 (0.067)
Solder resist
Padgeometrie für
Paddesign for
improved heat dissipation
verbesserte Wärmeableitung
Pick up Area
Lötstopplack
Cu Fläche
Cu-area
> 16 mm per pad
2
3.7 (0.146)
1.2 (0.047)
Cu-area > 16 mm
Cu-Fläche > 16 mm
Paddesign
for improved
heat dissipation
Wärmeableitung
für verbesserte
Padgeometrie
Lötstopplack
Solder resist
OHLPY965
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com