Electronic Components Datasheet Search
  English  ▼

X  

LUW-CRDP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LUW-CRDP
Description  SMD ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CRDP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LUW-CRDP Datasheet HTML 3Page - OSRAM GmbH LUW-CRDP Datasheet HTML 4Page - OSRAM GmbH LUW-CRDP Datasheet HTML 5Page - OSRAM GmbH LUW-CRDP Datasheet HTML 6Page - OSRAM GmbH LUW-CRDP Datasheet HTML 7Page - OSRAM GmbH LUW-CRDP Datasheet HTML 8Page - OSRAM GmbH LUW-CRDP Datasheet HTML 9Page - OSRAM GmbH LUW-CRDP Datasheet HTML 10Page - OSRAM GmbH LUW-CRDP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Version 1.0
LUW CRDP (streetwhite)
2012-02-15 Version 1.0
7
Forward Current 6) page 18
Durchlassstrom 6) Seite 18
I
F = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 18 , 7) page 18
Relativer Lichtstrom 6) Seite 18 , 7) Seite 18
Φ
V/ΦV(350 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 18
Farbortverschiebung 6) Seite 18
Cx, Cy = f(I
F); TS = 25 °C
44UI10010004
2.62.8
3.03.2
3.43.6
UF [V]
200
400
600
800
1000
IF [mA]
200
400
600
800 1000
ΙF [mA]
0.5
1.0
1.5
2.0
Φv
Φv(350mA)
200
400
600
800 1000
ΙF [mA]
0.20
0.25
0.30
0.35
0.40
Cx; Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com