Electronic Components Datasheet Search
  English  ▼

X  

LUW-CRDP Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LUW-CRDP
Description  SMD ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CRDP Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LUW-CRDP Datasheet HTML 7Page - OSRAM GmbH LUW-CRDP Datasheet HTML 8Page - OSRAM GmbH LUW-CRDP Datasheet HTML 9Page - OSRAM GmbH LUW-CRDP Datasheet HTML 10Page - OSRAM GmbH LUW-CRDP Datasheet HTML 11Page - OSRAM GmbH LUW-CRDP Datasheet HTML 12Page - OSRAM GmbH LUW-CRDP Datasheet HTML 13Page - OSRAM GmbH LUW-CRDP Datasheet HTML 14Page - OSRAM GmbH LUW-CRDP Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Version 1.0
LUW CRDP (streetwhite)
2012-02-15 Version 1.0
11
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H
2S / 336 h
= Besser als IEC 60068-2-43 (H
2S) [25°C / 75 % rh
/ 10 ppm H
2S / 21 Tage]
= Bezogen auf das Gas (H
2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO
2, 200ppb NO2,10ppb Cl2 / 21 Tage]
Recommended Solder Pad 9) page 18
Reflow soldering
Empfohlenes Lötpaddesign 9) Seite 18
Reflow Löten
Notes:
For superior solder joint connectivity results we
recommend soldering under standard nitrogen
atmosphere. For further information please refer to
our Application Note “Handling and Processing
Details for Ceramic LEDs“.
Anmerkungen:
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter Standard-
stickstoffatmosphäre zu löten. Weitere
Informationen finden Sie in der Applikationsschrift
„Handling and Processing Details for Ceramic
LEDs“.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com