Electronic Components Datasheet Search
  English  ▼

X  

LUW-CRDP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUW-CRDP
Description  SMD ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CRDP Datasheet(HTML) 5 Page - OSRAM GmbH

  LUW-CRDP Datasheet HTML 1Page - OSRAM GmbH LUW-CRDP Datasheet HTML 2Page - OSRAM GmbH LUW-CRDP Datasheet HTML 3Page - OSRAM GmbH LUW-CRDP Datasheet HTML 4Page - OSRAM GmbH LUW-CRDP Datasheet HTML 5Page - OSRAM GmbH LUW-CRDP Datasheet HTML 6Page - OSRAM GmbH LUW-CRDP Datasheet HTML 7Page - OSRAM GmbH LUW-CRDP Datasheet HTML 8Page - OSRAM GmbH LUW-CRDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Version 1.0
LUW CRDP (streetwhite)
2012-02-15 Version 1.0
5
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: LR-JQ-MX
Beispiel: LR-JQ-MX
Chromaticity coordinate groups 5) page 18
Farbortgruppen 5) Seite 18
Brightness Group
Helligkeitsgruppe
Wavelength
Wellenlänge
Forward Voltage Group
Durchlassspannungsgruppe
LR
JQ
MX
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
8000 K
9000 K
10000 K
12000 K
14000 K
20000 K
LP
KR
JR
HR
GR
FR
ER
DR
CR
KQ
JQ
HQ
GQ
FQ
EQ
DQ
CQ
KP
JP
HP
GP
FP
EP
DP
CP
5700K
6500K
0,220
0,240
0,260
0,280
0,300
0,320
0,340
0,360
0,380
0,400
0,250
0,270
0,290
0,310
0,330
0,350
0,370
0,390
0,410
0,430
0,450
0,470
Cx
Cy
streetwhite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com