Electronic Components Datasheet Search
  English  ▼

X  

79RC5000 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 79RC5000
Description  MULTI-ISSUE 64-BIT MICROPROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC5000 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 79RC5000 Datasheet HTML 2Page - Integrated Device Technology 79RC5000 Datasheet HTML 3Page - Integrated Device Technology 79RC5000 Datasheet HTML 4Page - Integrated Device Technology 79RC5000 Datasheet HTML 5Page - Integrated Device Technology 79RC5000 Datasheet HTML 6Page - Integrated Device Technology 79RC5000 Datasheet HTML 7Page - Integrated Device Technology 79RC5000 Datasheet HTML 8Page - Integrated Device Technology 79RC5000 Datasheet HTML 9Page - Integrated Device Technology 79RC5000 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 of 15
April 10, 2001
79RC5000
3LQ 'HVFULSWL
3LQ 'HVFULSWL
3LQ 'HVFULSWL
3LQ 'HVFULSWLR
RR
RQ
QQ
Q
The RC5000 implements a bus similar to that of the RC4700. Table 2 lists and describes the RC5000 signals.
3LQ 1DPH 7\SH
'HVFULSWLRQ
System interface
ExtRqst*
Input
External Request.
Signals that the system interface needs to submit an external request.
Release*
Output
Release Interface.
Signals that the processor is releasing the system interface to slave state
RdRdy*
Input
Read Ready.
Signals that an external agent can now accept a processor read.
WrRdy*
Input
Write Ready.
Signals that an external agent can now accept a processor write request.
ValidIn*
Input
Valid Input.
Signals that an external agent is now driving a valid address or data on the SysAD bus and a valid command or data identifier on the
SysCmd bus.
ValidOut*
Output
Valid Output.
Signals that the processor is now driving a valid address or data on the SysAD bus and a valid command or data identifier on the
SysCmd bus.
SysAD(63:0)
Input/
Output
System Address/Data bus.
A 64-bit address and data bus for communication between the processor and an external agent.
SysADC(7:0)
Input/
Output
System Address/Data check bus.
An 8-bit bus containing parity check bits for the SysAD bus during data bus cycles.
SysCmd(8:0)
Input/
Output
System Command/data identifier bus.
A 9-bit bus for command and data identifier transmission between the processor and an external agent.
SysCmdP
Input/
Output
Reserved System Command/data identifier bus parity.
For the RC5000, unused on input and zero on output.
Clock/control interface
SysClock
Input
Master Clock.
Master clock input at the bus frequency. The pipeline clock is derived by multiplying this clock up.
VCCP
Input
Quiet VCC for PLL.
Quiet VCC for the internal phase locked loop.
VSSP
Input
Quiet VSS for PLL.
Quiet VSS for the internal phase locked loop.
Interrupt interface
Int(5:0)*
Input
Interrupt.
Six general processor interrupts, bit-wise ORed with bits 5:0 of the interrupt register.
NMI*
Input
Non-maskable interrupt. Non-maskable interrupt, ORed with bit 6 of the interrupt register.
JTAG interface:
JTDI
Input
JTAG Data In.
Connected directly to JTDO. No JTAG implemented; should be pulled High.
JTCK
Input
JTAG Clock Input.
Unused input; should be pulled High.
Table 3: RC5000 Signal Names and Descriptions (Page 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com