Electronic Components Datasheet Search
  English  ▼

X  

AT1395F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT1395F
Description  5 CHANNEL DC-DC CONVERTER FOR DSC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1395F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT1395F Datasheet HTML 1Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AT1395
Preliminary Product Information
5-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
5
Electrical Characteristics
(TA=25℃, VCC=PVCC=5V)
Measure result
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Reference voltage block [REF]
Regulator voltage
V
REG
2.15
2.2
2.25
V
Output voltage temperature
stability
△
V
REG
/V
REG
TA = -30℃ to 85℃
-0.5
-
%
Input stability
Line
VCC=2.5V to 7V
-10
-
10
mV
Load stability
Load
VREG=0mA to –1mA
-10
-
10
mV
Under voltage lockout block [U.V.L.O]
Threshold voltage(CH1~CH4)
V
TH
2.0
2.2
2.4
V
Hysteresis width(CH1~CH4)
V
H
0.05
0.1
0.3
V
Reset voltage(CH1~CH4)
V
RST
--
2.5
V
CH5 Pre-OSC change to Main-
OSC threshold
V
TH
-1.8
-
V
Pre-OSC frequency(CH6)
f
Pre-OSC
320
400
450
KHz
Soft start block [CS]
Charge current
I
CS
-3.0
-2.5
-2.0
μ
A
Short circuit detection block [SCP]
Threshold voltage
V
TH
0.65
0.70
0.75
V
Input standby voltage
V
STB
-50
100
mV
Input latch voltage
V
I
-50
100
mV
Input source current
I
CSCP
-1.4
-1.0
-0.6
μ
A
Triangular wave oscillator block [OSC]
Oscillator frequency
f
OSC
CT=75pF
450
500
550
kHz
Frequency stability for voltage
△f
/fdv
VCC=2.5V to 7V
-
1
10
%
Frequency stability for
temperature
△f
/fdt
TA=-30℃ to 85℃
-1
20
%
CH5 Maximum Duty
DUTY
80
90
-
%
Error amplifier block [Error Amp](CH1~CH5)
Threshold voltage
V
REF
FB=1.22V
1.20
1.22
1.24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com