Electronic Components Datasheet Search
  English  ▼

X  

AT1395F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT1395F
Description  5 CHANNEL DC-DC CONVERTER FOR DSC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1395F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT1395F Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 10Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 11Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 12Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 13Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 14Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 15Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 16Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AT1395
Preliminary Product Information
5-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
13
*
Under-voltage lockout protection
The under-voltage lockout protection is to disable the IC while the supply voltage
transient or momentary decrease, which may cause the IC to malfunction.
To
prevent such malfunctions, the under-voltage lockout protection circuit detects a
decrease in internal reference voltage with respect to the power supply voltage,
turns off the output transistor, and holding the CSCP pin at the “L” level.
*
Battery Low Detect Function
The Battery low comparator open-drain output LBO sinks up to 1mA if the LBI
input is below its threshold voltage. Connect LBO to power source with a
100K
Ω~1MΩ pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com