Electronic Components Datasheet Search
  English  ▼

X  

AT1395F Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AT1395F
Description  5 CHANNEL DC-DC CONVERTER FOR DSC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT1395F Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AT1395F Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 10Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 11Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 12Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 13Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 14Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 15Page - List of Unclassifed Manufacturers AT1395F Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AT1395
Preliminary Product Information
5-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
12
*
Output block
The output block is the totem pole configuration, which could drive external
MOSFET or transistor. It can be drive the external N-MOSFET by force the SEL
to High, and it can be drive the external P-MOSFET by force the SEL to LOW.
2. Channel Control Function
The channels are turned on and turned off depending on the voltage levels at the
CTL, CTL12, CTL3, CTL4, CTL5, and CTL6. Described as follow.
CTL
L
H
CTL1
X
H
Z
Z
Z
Z
CTL2
X
Z
H
Z
Z
Z
CTL3
X
Z
Z
H
Z
Z
CTL4
X
Z
Z
Z
H
Z
CTL5
X
ZZZZ
H
CH1
ON
OFF
OFF
OFF
OFF
CH2
OFF
ON
OFF
OFF
OFF
CH3
OFF
OFF
ON
OFF
OFF
CH4
OFF
OFF
OFF
ON
OFF
CH5
OFF
OFF
OFF
OFF
OFF
ON
X : Don’t care
Z: Low or Floating
3. Protective Functions
*
Short circuit protection and timer latch
The short circuit detection comparator in each channel detects the output voltage
level of power converter.
When the output voltage falls below the short
detection level, there is a constant current bias charging the external capacitor
C
CSCP which connected to the CSCP pin until the capacitor voltage level reaches
about 0.7V then disable the IC. It could reset the actuated protection by restart
the power source or pull CTL from low to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com