Electronic Components Datasheet Search
  English  ▼

X  

AV2636 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AV2636
Product Datasheet
PROGRAMMABLE CONTROL REGISTER ASSIGNMENT
There are 4 programmable control registers in AV2636. Their function and address assignment are
described in the following tables. All the contents of the programmable control registers can be read back
through the serial control interface.
Address
(7-bit hex)
Register
Default Value
(hex)
Function Description
0
CREG0[7:0]
7F
Volume control for both left and right channel
1
CREG1[7:0]
00
Device control
2
CREG2[7:0]
00
Serial audio interface mode control
3
CREG3[7:0]
00
Clock and sample rate settings
Volume Control Register (CREG0[7:0])
CREG0[7:0]
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address
7’h00
VOLUME[7:0]
Default Value
0
1
1
1
1
1
1
1
Device Control Register (CREG1[7:0])
CREG1[7:0]
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address
7’h01
StdBy
DeEmp
Reserved
Mute
Default Value
0
0
0
0
0
0
0
0
StdBy: Stand-By Control
0: disable Stand-By (default)
1: enable Stand-By for power saving
(Notes: Mute should be enabled when StdBy is enabled.)
DeEmp: De-emphasis control
0: by-pass de-emphasis filter (default)
1: enable de-emphasis filter
Mute: Software mute control
0: do not mute the left and right channel DACs (default)
1: mute the left and right channel DACs simultaneously
Serial Audio Interface Control Register (CREG2[7:0])
CREG2[7:0]
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address
7’h02
Reserved
SFJ
SCJ
SAIM[1:0]
Format[1:0]
Default Value
0
0
0
0
0
0
0
0
SFJ: Sync Frame Adjustment
0: do not delay SF signal by 1 SC clock cycle (default)
1: delay SF signal by 1 SC clock cycle
SCJ: Serial Clock Adjustment
0: do not invert SC clock (default)
1: invert SC clock
AVS Technology, Inc.
10-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com