Electronic Components Datasheet Search
  English  ▼

X  

TSL26721 Datasheet(PDF) 20 Page - ams AG

Part # TSL26721
Description  Digital Proximity Detector
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26721 Datasheet(HTML) 20 Page - ams AG

Back Button TSL26721 Datasheet HTML 16Page - ams AG TSL26721 Datasheet HTML 17Page - ams AG TSL26721 Datasheet HTML 18Page - ams AG TSL26721 Datasheet HTML 19Page - ams AG TSL26721 Datasheet HTML 20Page - ams AG TSL26721 Datasheet HTML 21Page - ams AG TSL26721 Datasheet HTML 22Page - ams AG TSL26721 Datasheet HTML 23Page - ams AG TSL26721 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-23
TSL2672 − Principles O f Operation
System Timing
The system state machine shown in Figure 19 provides an
overview of the states and state transitions that provide system
control of the device. This section highlights the programmable
features, which affect the state machine cycle time, and
provides details to determine system level timing.
When the proximity detection feature is enabled (PEN), the
state machine transitions through the Prox Init, Prox Accum,
Prox Wait, and Prox ADC states. The Prox Init and Prox Wait times
are a fixed 2.73 ms, whereas the Prox Accum time is determined
by the number of proximity LED pulses (PPULSE) and the Prox
ADC time is determined by the integration time (PTIME). The
formulas to determine the Prox Accum and Prox ADC times are
given in the associated boxes in Figure 22. If an interrupt is
generated as a result of the proximity cycle, it will be asserted
at the end of the Prox ADC state and transition to the Sleep state
if SAI is enabled.
When the power management feature is enabled (WEN), the
state machine will transition in turn to the Wait state. The wait
time is determined by WLONG, which extends normal operation
by 12× when asserted, and WTIME. The formula to determine
the wait time is given in the box associated with the Wait state
in Figure 23.
Figure 23:
Detailed State Diagram
Note(s):
1. PON, WEN, AEN, and SAI are fields in the Enable register (0x00).
Prox
Wait
Sleep
Idle
Prox
Init
Prox
Accum
Wait
Prox
ADC
Prox
Time: 2.73 ms
PPULSE: 0 ~ 255 pulses
Time: 16.0
μs/pulse
Range: 0 ~ 4.1 ms
Time: 2.73 ms
PTIME: 1 ~ 256 steps
Time: 2.73 ms/step
Range: 2.73 ms ~ 699 ms
WEN
!PON
Note: PON, PEN, WEN, and SAI are fields in the Enable register (0x00).
!WEN
PEN
INT & SAI
WTIME: 1 ~ 256 steps
WLONG = 0
Time:
2.73 ms/step
Range:
2.73 ms ~ 699 ms
WLONG = 1
Time:
32.8 ms/step
Range:
32.8 ms ~ 8.39s
I2C Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com