Electronic Components Datasheet Search
  English  ▼

X  

TSL26721 Datasheet(PDF) 5 Page - ams AG

Part # TSL26721
Description  Digital Proximity Detector
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26721 Datasheet(HTML) 5 Page - ams AG

  TSL26721 Datasheet HTML 1Page - ams AG TSL26721 Datasheet HTML 2Page - ams AG TSL26721 Datasheet HTML 3Page - ams AG TSL26721 Datasheet HTML 4Page - ams AG TSL26721 Datasheet HTML 5Page - ams AG TSL26721 Datasheet HTML 6Page - ams AG TSL26721 Datasheet HTML 7Page - ams AG TSL26721 Datasheet HTML 8Page - ams AG TSL26721 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ams Datasheet
Page 5
[v1-00] 2016-Mar-23
Document Feedback
TSL2672 − Detailed Description
Proximity detection requires only a single external LED. This
external LED is driven by an internal LED current driver, which
pulses the LED with current for approximately 7 microseconds.
The number of pulses, from 1 to 255, and the current level, from
1.9 mA to 120 mA, can be programmed and together provide a
16,000:1 contiguous dynamic range. Because the driver is a
constant current sink, no external current limiting resistor is
required to protect the LED.
In addition to the internal LED current driver, the TSL2672
proximity detector provides ON-chip photodiodes, oscillator,
integrating amplifier, ADC, state machine controller,
programmable interrupt and I²C interface to provide a
complete proximity detection solution.
Each device has two photodiodes; a channel 0 photodiode
(CH0), which is responsive to both visible and infrared light, and
a channel 1 photodiode (CH1), which is primarily responsive to
only infrared light. The user selects the appropriate diode for
their application.
The integrating amplifier and ADC converts the selected
photodiode current into a digital value providing up to 16 bits
of resolution. Upon completion of a proximity conversion cycle,
the result is transferred to the proximity data registers where it
is available to be read.
Communication with the device is accomplished over a fast (up
to 400 kHz), two-wire I²C serial bus for easy connection to a
microcontroller or embedded controller. The digital output of
the device is inherently more noise-immune when compared
to an analog interface.
The device provides a separate pin for level-style interrupts to
simplify and improve system efficiency by eliminating the need
to poll for proximity data. When interrupts are enabled, an
interrupt is generated when the proximity data either exceeds
an upper threshold or is less than a lower threshold. Once
generated, the interrupt remains asserted until cleared by the
controlling firmware. In addition, a programmable interrupt
persistence filter allows the user to determine the number of
consecutive out-of-range measurements necessary to trigger
an interrupt.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com