Electronic Components Datasheet Search
  English  ▼

X  

TSL26721 Datasheet(PDF) 38 Page - ams AG

Part # TSL26721
Description  Digital Proximity Detector
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL26721 Datasheet(HTML) 38 Page - ams AG

Back Button TSL26721 Datasheet HTML 34Page - ams AG TSL26721 Datasheet HTML 35Page - ams AG TSL26721 Datasheet HTML 36Page - ams AG TSL26721 Datasheet HTML 37Page - ams AG TSL26721 Datasheet HTML 38Page - ams AG TSL26721 Datasheet HTML 39Page - ams AG TSL26721 Datasheet HTML 40Page - ams AG TSL26721 Datasheet HTML 41Page - ams AG TSL26721 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-23
TSL2672 − Soldering Information
The FN package has been tested and has demonstrated an
ability to be reflow soldered to a PCB substrate.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 46:
Soldier Reflow Profile
Figure 47:
Solder Reflow Profile Graph
Note(s):
1. Not to scale - for reference only.
Parameter
Reference
Device
Average temperature gradient in preheating
2.5°C/s
Soak time
tsoak
2 to 3 minutes
Time above 217°C (T1)
t1
Max 60 s
Time above 230°C (T2)
t2
Max 50 s
Time above Tpeak −10°C (T3)
t3
Max 10 s
Peak temperature in reflow
Tpeak
260°C
Temperature gradient in cooling
Max −5°C/s
Soldering Information
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference o
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com