Electronic Components Datasheet Search
  English  ▼

X  

MAX9502 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9502 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9502 Datasheet HTML 1Page - Maxim Integrated Products MAX9502 Datasheet HTML 2Page - Maxim Integrated Products MAX9502 Datasheet HTML 3Page - Maxim Integrated Products MAX9502 Datasheet HTML 4Page - Maxim Integrated Products MAX9502 Datasheet HTML 5Page - Maxim Integrated Products MAX9502 Datasheet HTML 6Page - Maxim Integrated Products MAX9502 Datasheet HTML 7Page - Maxim Integrated Products MAX9502 Datasheet HTML 8Page - Maxim Integrated Products MAX9502 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX9502 small, low-power video amplifier with
integrated reconstruction filter operates from a supply
voltage as low as 2.5V. The small size and the low mini-
mum supply voltage make the MAX9502 ideal for
portable applications such as mobile phones, digital
still cameras, and camcorders.
The MAX9502 DC-couples the input and the output,
resulting in a very small solution. The MAX9502 input can
be directly connected to the output of a video digital-to-
analog converter (DAC). The reconstruction filter is imple-
mented as a 4th-order Chebyshev with a minimum
passband of 5.5MHz, 3dB attenuation at 8MHz, and
55dB attenuation at 27MHz.
The output amplifier provides a closed-loop gain of
+6dB (MAX9502G) or +12dB (MAX9502M), and can
drive a 2VP-P video signal into a 150
Ω load to ground.
The output signal is level-shifted so the sync tip is
110mV (typ) above ground.
The MAX9502 operates from a 2.5V to 3.6V single supply
and consumes only 5.3mA quiescent supply current.
An active-low shutdown mode reduces the supply
current to 0.01µA.
The MAX9502 is available in tiny 6-pin µDFN (1mm x
1.5mm x 0.8mm) and 5-pin SC70 packages. The
device is specified over the -40°C to +85°C extended
temperature range.
Applications
Mobile Phones/Smartphones
Digital Still Cameras
Portable Media Players
Camcorders
Features
♦ Tiny 6-Pin µDFN (1mm x 1.5mm x 0.8mm) and
5-Pin SC70 Packages
♦ DC-Coupled Input and Output Save Board Space
♦ 4-Pole Chebyshev Filter
♦ 5.5MHz Passband
♦ 55dB Attenuation at 27MHz
♦ 0.01µA Low-Current Shutdown Mode
♦ 2.5V to 3.6V Single-Supply Operation
♦ Video Amplifier with Fixed Gains of +6dB
(MAX9502G) or +12dB (MAX9502M)
2.5V Video Amplifier with Reconstruction Filter
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations
Ordering Information
19-3674; Rev 0; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*All devices are specified over the -40°C to +85°C operating
temperature range.
PART*
PIN-PACKAGE
GAIN
(dB)
TOP
MARK
MAX9502GEXK-T
5 SC70-5
+6
ARV
MAX9502GELT-T
6 µDFN-6 (L611-1)
+6
AU
MAX9502MEXK-T
5 SC70-5
+12
ARW
MAX9502MELT-T
6 µDFN-6 (L611-1)
+12
AV
Typical Operating Circuit appears at end of data sheet.
TOP VIEW
SC70
GND
VCC
SHDN
1
5
OUT
IN
MAX9502
2
34
GND
VCC
1
6
OUT
5
N.C.
IN
MAX9502
µDFN
23
4
SHDN
Other Portable Video Amplifiers
PRODUCT
FEATURES
MAX9503
DirectDrive™, LPF, DC-coupled
input/output, 50dB at 27MHz, TQFN
MAX9505
DirectDrive, LPF, DC-coupled input/output,
50dB at 27MHz analog switch, TQFN
MAX4090
Video amplifier, input clamp, µDFN,
SOT23, SC70
MAX9504
Video amplifier, 2 DC-coupled loads,
optional DC offset bias, µDFN, SOT23


Similar Part No. - MAX9502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9502 AD-MAX9502 Datasheet
1Mb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 2 5/14
MAX9502GAALT+T AD-MAX9502GAALT+T Datasheet
1Mb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 2 5/14
MAX9502GAAXK+T AD-MAX9502GAAXK+T Datasheet
1Mb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 2 5/14
MAX9502GELT+T AD-MAX9502GELT+T Datasheet
1Mb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 2 5/14
MAX9502GEXK+T AD-MAX9502GEXK+T Datasheet
1Mb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 2 5/14
More results

Similar Description - MAX9502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7449 MAXIM-MAX7449 Datasheet
184Kb / 6P
3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 0; 9/03
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
4-Channel Video Reconstruction Filter
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
March 29, 2007
ISL59832 INTERSIL-ISL59832 Datasheet
1Mb / 14P
Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
June 11, 2008
logo
Renesas Technology Corp
ISL59832 RENESAS-ISL59832 Datasheet
1Mb / 15P
Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com